Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC218 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MAC218
Description  Silicon Bidirectional Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC218 Datasheet(HTML) 3 Page - ON Semiconductor

  MAC218 Datasheet HTML 1Page - ON Semiconductor MAC218 Datasheet HTML 2Page - ON Semiconductor MAC218 Datasheet HTML 3Page - ON Semiconductor MAC218 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC218
http://onsemi.com
3
−40
OFF-STATE VOLTAGE = 12 V
4
QUADRANT
TJ, JUNCTION TEMPERATURE (°C)
80
140
120
100
−40
60
40
20
−20
0
−60
0.5
0.7
1.0
2.0
3.0
5.0
FIGURE 3 — NORMALIZED GATE TRIGGER
CURRENT
TJ, JUNCTION TEMPERATURE (°C)
1.8
1.6
1.0
140
120
40
−20
100
0.3
0.5
0.7
80
60
20
0
0.2
−60
1.4
2.0
−20
20
040
60
0.6
−40
100 120 140
80
0.8
1.0
1.2
0.4
−60
3
2
FIGURE 4 — NORMALIZED GATE TRIGGER
VOLTAGE
1
TJ, JUNCTION TEMPERATURE (°C)
QUADRANT 4
QUADRANTS
OFF-STATE VOLTAGE = 12 V
FIGURE 5 — NORMALIZED HOLDING CURRENT
1
2
MAIN TERMINAL #1
POSITIVE
GATE OPEN
3
MAIN TERMINAL #2
POSITIVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com