Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM2IO Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # TM2IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM2IO Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button TM2IO Datasheet HTML 17Page - Panasonic Semiconductor TM2IO Datasheet HTML 18Page - Panasonic Semiconductor TM2IO Datasheet HTML 19Page - Panasonic Semiconductor TM2IO Datasheet HTML 20Page - Panasonic Semiconductor TM2IO Datasheet HTML 21Page - Panasonic Semiconductor TM2IO Datasheet HTML 22Page - Panasonic Semiconductor TM2IO Datasheet HTML 23Page - Panasonic Semiconductor TM2IO Datasheet HTML 24Page - Panasonic Semiconductor TM2IO Datasheet HTML 25Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
21
PubNo. 232M9-010E
1.5.4
Analog Characteristics
Figure:1.5.3 Auto Reset Circuit Characteristics
A/D0, A/D1, A/D2
VDD = 5.0 V
VSS = 0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
MAx.
D1
Resolution
-
-
-
-
10
Bits
D2
Non-linearity error
INLE
Sampling time
≥ 150 ns
A/D conversion clock
≤ 30 MHz
--
±2
LSB
D3
Differential linearity error
DNLE
-
-
±3
LSB
D4
Zero transition voltage
-
-20
-
20
mV
D5
Full-scale transition voltage
-
4980
-
5020
mV
D6
A/D conversion time
-
-
1.0
-
-
μs
D7
Analog input voltage
VIA
-VSS
-VDD
V
D8
Analog input leakage current
IIA
Unselected channel
VADIN = 0 V to VDD
--
±10
μA
D9
Power supply current during oper-
ation (VDD pin)
IAD
A/D conversion clock = 30
MHz
-1-
mA
Auto-reset
VSS = 0.0 V
Ta= -40
°C to +85 °C
Parameter
Symbol
Conditions
Limits
Unit
Min.
Typ.
MAx.
D10
Power supply voltage detection
level
VRST
-3.6
-
4.3
V
D11
Change rate of power supply
voltage
ΔVDD
-0.2
-
-
ms/V
Note:
Connect 0.1
μF capacitor between NRST and VSS pins. .
VDD
VDD
(V)
(V)
5.0
5.0
time (ms)
time (ms)
4.3
4.3
3.6
3.6
1.0
1.0
X
X+1.0
X+1.0
0
Internal reset signal
Reset voltage space
Operation voltage space
Internal reset
reaction time
Internal reset
reaction time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com