Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM2IO Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # TM2IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM2IO Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button TM2IO Datasheet HTML 5Page - Panasonic Semiconductor TM2IO Datasheet HTML 6Page - Panasonic Semiconductor TM2IO Datasheet HTML 7Page - Panasonic Semiconductor TM2IO Datasheet HTML 8Page - Panasonic Semiconductor TM2IO Datasheet HTML 9Page - Panasonic Semiconductor TM2IO Datasheet HTML 10Page - Panasonic Semiconductor TM2IO Datasheet HTML 11Page - Panasonic Semiconductor TM2IO Datasheet HTML 12Page - Panasonic Semiconductor TM2IO Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
9
PubNo. 232M9-010E
1.3.2
Pin Specification
Table:1.3.1 Pin Specification
Pin
Special
functions
I/O
Direction
control
Pin
control
Function description
P07
NRST
in/out
-
-
Reset input
P10
P11
P12
P13
P14
P15
P16
P17
IRQ04/EXTRG0
IRQ05/EXTRG1
IRQ06
IRQ07
IRQ08
TM16IO
TM17IO
SBO2
in/out
in/out
in/out
in/out
in/out
in/out
in/out
in/out
P10D
P11D
P12D
P13D
P14D
P15D
P16D
P17D
P10R
P11R
P12R
P13R
P14R
P15R
P16R
P17R
External interrupt input 4/ Trigger pin 0 for on-board debugging
External interrupt input 5/ Trigger pin 1 for on-board debugging
External interrupt input 6
External interrupt input 7
External interrupt input 8
Timer 16 input / output
Timer 17 input / output
Serial 2 transmission data output
P20
P21
P22
P23
P24
P25
P26
P27
SBT2
SBI2
SBO1
SBT1
SBI1
SBO0
SBT0
SBI0
in/out
in/out
in/out
in/out
in/out
in/out
in/out
in/out
P20D
P21D
P22D
P23D
P24D
P25D
P26D
P27D
P20R
P21R
P22R
P23R
P24R
P25R
P26R
P27R
Serial 2 clock I/O
Serial 2 reception data input
Serial 1 transmission data output
Serial 1 clock I/O
Serial 1 reception data input
Serial 0 transmission data output
Serial 0 clock I/O
Serial 0 reception data input
P30
P31
P32
P33
P34
P35
P36
P37
TM0IO
TM1IO
TM2IO
TM3IO
TM4IO
TM5IO
TM8AIO
TM8BIO
in/out
in/out
in/out
in/out
in/out
in/out
in/out
in/out
P30D
P31D
P32D
P33D
P34D
P35D
P36D
P37D
P30R
P31R
P32R
P33R
P34R
P35R
P36R
P37R
Timer 0 I/O
Timer 1 I/O
Timer 2 I/O
Timer 3 I/O
Timer 4 I/O
Timer 5 I/O
Timer 8A I/O
Timer 8B I/O
P40
P41
P42
P43
P44
P45
P46
P47
TM9AO
TM9BO
TM9AIO
TM9BO
TM10AO
TM10BO
TM10AIO
TM10BIO
in/out
in/out
in/out
in/out
in/out
in/out
in/out
in/out
P40D
P41D
P42D
P43D
P44D
P45D
P46D
P47D
P40R
P41R
P42R
P43R
P44R
P45R
P46R
P47R
Timer 9A output
Timer 9B output
Timer 9A I/O
Timer 9B I/O
Timer 10A output
Timer 10B output
Timer 10A I/O
Timer 10B I/O
P50
P51
P52
P53
P54
P55
P56
P57
TM6IO
TM7IO
PWM00
NPWM00
PWM01
NPWM01
PWM02
NPWM02
in/out
in/out
in/out
in/out
in/out
in/out
in/out
in/out
P50D
P51D
P52D
P53D
P54D
P55D
P56D
P57D
P50R
P51R
P52R
P53R
P54R
P55R
P56R
P57R
Timer 6 I/O
Timer 7 I/O
3-phase PWM0 signal output 0
3-phase PWM0 signal reverse output 0
3-phase PWM0 signal output 1
3-phase PWM0 signal reverse output 1
3-phase PWM0 signal output 2
3-phase PWM0 signal reverse output 2
P60
P61
P62
P63
P64
P65
P66
P67
-
-
PWM10
NPWM10
PWM11
NPWM11
PWM12
NPWM12
in/out
in/out
in/out
in/out
in/out
in/out
in/out
in/out
P60D
P61D
P62D
P63D
P64D
P65D
P66D
P67D
P60R
P61R
P62R
P63R
P64R
P65R
P66R
P67R
-
-
3-phase PWM1 signal output 0
3-phase PWM1 signal reverse output 0
3-phase PWM1 signal output 1
3-phase PWM1 signal reverse output 1
3-phase PWM1 signal output 2
3-phase PWM1 signal reverse output 2
P72
P73
P74
P75
P76
P77
TM11IO0
TM11IO1
TM11O2
TM11O3
TM11O4
TM11O5
in/out
in/out
in/out
in/out
in/out
in/out
P72D
P73D
P74D
P75D
P76D
P77D
P72R
P73R
P74R
P75R
P76R
P77R
Timer 11 I/O 0
Timer 11 I/O 1
Timer 11 output 2
Timer 11 output 3
Timer 11 output 4
Timer 11 output 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com