Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA659IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA659IDBVR Datasheet HTML 1Page - Texas Instruments OPA659IDBVR Datasheet HTML 2Page - Texas Instruments OPA659IDBVR Datasheet HTML 3Page - Texas Instruments OPA659IDBVR Datasheet HTML 4Page - Texas Instruments OPA659IDBVR Datasheet HTML 5Page - Texas Instruments OPA659IDBVR Datasheet HTML 6Page - Texas Instruments OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
OPA659
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Application Information....................................... 14
9.1
Application Information............................................ 14
2
Applications ........................................................... 1
9.2
Typical Application .................................................. 18
3
Description ............................................................. 1
10
Power Supply Recommendations ..................... 20
4
Revision History..................................................... 2
11
Layout................................................................... 21
5
Related Operational Amplifier Products.............. 3
11.1
Layout Guidelines ................................................. 21
6
Pin Configuration and Functions ......................... 3
11.2
Layout Example .................................................... 22
7
Specifications......................................................... 3
11.3
Thermal Pad Information ...................................... 22
7.1
Absolute Maximum Ratings ...................................... 3
11.4
Schematic and PCB Layout .................................. 23
7.2
ESD Ratings.............................................................. 4
11.5
Evaluation Module................................................. 24
7.3
Recommended Operating Conditions ....................... 4
12
Device and Documentation Support ................. 25
7.4
Thermal Information .................................................. 4
12.1
Device Support .................................................... 25
7.5
Electrical Characteristics........................................... 4
12.2
Community Resources.......................................... 25
7.6
Typical Characteristics .............................................. 6
12.3
Trademarks ........................................................... 25
8
Detailed Description ............................................ 13
12.4
Electrostatic Discharge Caution ............................ 25
8.1
Overview ................................................................. 13
12.5
Glossary ................................................................ 25
8.2
Feature Description................................................. 13
13
Mechanical, Packaging, and Orderable
8.3
Device Functional Modes........................................ 13
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2009) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Deleted THERMAL CHARACTERISTICS row from Electrical Characteristics ..................................................................... 5
Changes from Revision A (March, 2009) to Revision B
Page
•
Removed lead temperature specification from Absolute Maximum Ratings table ................................................................. 3
•
Added DRB package to test condition for Input Offset Voltage parameter, TA = –40°C to 85°C .......................................... 5
•
Added performance specifications for Input Offset Voltage parameter, DBV package.......................................................... 5
•
Added performance specifications for Average Offset Voltage Drift parameter, DBV package ............................................ 5
•
Added footnote (2) to Electrical Characteristics (VS = ±6V) table .......................................................................................... 5
•
Added paragraph (f) to the Board Layout section ................................................................................................................ 22
Changes from Original (December, 2008) to Revision A
Page
•
Changed Changed ordering information for SOTS23-5 (DBV) package and added footnote; availability expected 2Q
2009 ....................................................................................................................................................................................... 3
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com