Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA659IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA659IDBVR Datasheet HTML 17Page - Texas Instruments OPA659IDBVR Datasheet HTML 18Page - Texas Instruments OPA659IDBVR Datasheet HTML 19Page - Texas Instruments OPA659IDBVR Datasheet HTML 20Page - Texas Instruments OPA659IDBVR Datasheet HTML 21Page - Texas Instruments OPA659IDBVR Datasheet HTML 22Page - Texas Instruments OPA659IDBVR Datasheet HTML 23Page - Texas Instruments OPA659IDBVR Datasheet HTML 24Page - Texas Instruments OPA659IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
OPA659
www.ti.com
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
11 Layout
11.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier such as the OPA659 requires careful attention to
PCB layout parasitics and external component types. Recommendations that can optimize device performance
include the following
1. Minimize parasitic capacitance to any AC ground for all of the signal input/output (I/O) pins. Parasitic
capacitance on the output and inverting input pins can cause instability: on the noninverting input, it can react
with the source impedance to cause unintentional band-limiting. To reduce unwanted capacitance, a window
around the signal I/O pins should be opened in all of the ground and power planes around those pins.
Otherwise, ground and power planes should be unbroken elsewhere on the board.
2. Minimize the distance (less than 0.25 inches, or 6.35 mm) from the power-supply pins to the high-
frequency, 0.1-
μF decoupling capacitors. At the device pins, the ground and power plane layout should not
be in close proximity to the signal I/O pins. Use a single point ground, located away from the input pins, for
the positive and negative supply high-frequency, 0.1-
μF decoupling capacitors. Avoid narrow power and
ground traces to minimize inductance between the pins and the decoupling capacitors. The power-supply
connections should always be decoupled with these capacitors. Larger (2.2
μF to 10 μF) decoupling
capacitors, effective at lower frequencies, should also be used on the supply pins. These larger capacitors
may be placed somewhat farther from the device and may be shared among several devices in the same
area of the PCB.
3. Careful selection and placement of external components preserves the high-frequency performance
of the OPA659. Resistors should be a very low reactance type. Surface-mount resistors work best and allow
a tighter overall layout. Metal film and carbon composition, axially-leaded resistors can also provide good
high-frequency performance. Again, keep the leads and PCB trace length as short as possible. Never use
wirewound-type resistors in a high-frequency application. The inverting input pin is the most sensitive to
parasitic capacitance; consequently, always position the feedback resistor as close to the negative input as
possible. The output is also sensitive to parasitic capacitance; therefore, position a series output resistor (in
this case, RISO) as close to the output pin as possible. Other network components, such as noninverting input
termination resistors, should also be placed close to the package. Even with a low parasitic capacitance,
excessively high resistor values can create significant time constants that can degrade device performance.
Good axial metal film or surface-mount resistors have approximately 0.2 pF in shunt with the resistor. For
resistor values greater than 1.5 k
Ω, this parasitic capacitance can add a pole and/or zero below 500 MHz
that can affect circuit operation. Keep resistor values as low as possible, consistent with load driving
considerations. TI recommends keeping RF || RG less than 250 Ω. This low value ensures that the resistor
noise terms remain low, and minimizes the effects of the parasitic capacitance. Transimpedance applications
(for example, see Figure 39) can use the feedback resistor required by the application as long as the
feedback compensation capacitor is set given consideration to all parasitic capacitance terms on the
inverting node.
4. Connections to other wideband devices on the board may be made with short direct traces or through
onboard transmission lines. For short connections, consider the trace and the input to the next device as a
lumped capacitive load. Relatively wide traces (50 mils to 100 mils, or 1.27 cm to 2.54 cm) should be used.
Estimate the total capacitive load and set RISO from Figure 24. Low parasitic capacitive loads (less than 5 pF)
may not need an RISO because the OPA659 is nominally compensated to operate with a 2-pF parasitic load.
Higher parasitic capacitive loads without an RISO are allowed as the signal gain increases (increasing the
unloaded phase margin). If a long trace is required, and the 6-dB signal loss intrinsic to a doubly-terminated
transmission line is acceptable, implement a matched impedance transmission line using microstrip or
stripline techniques (consult an ECL design handbook for microstrip and stripline layout techniques). A 50-
Ω
environment is normally not necessary onboard, and in fact a higher impedance environment improves
distortion as shown in the distortion versus load plots. With a characteristic board trace impedance defined
based on board material and trace dimensions, a matching series resistor into the trace from the output of
the OPA659 is used as well as a terminating shunt resistor at the input of the destination device. Remember
also that the terminating impedance is the parallel combination of the shunt resistor and the input impedance
of the destination device: this total effective impedance should be set to match the trace impedance. If the 6-
dB attenuation of a doubly-terminated transmission line is unacceptable, a long trace can be series-
terminated at the source end only. Treat the trace as a capacitive load in this case, and set the series
resistor value as shown in Figure 24. This configuration does not preserve signal integrity as well as a
doubly-terminated line. If the input impedance of the destination device is low, there will be some signal
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com