Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C08 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86C08
Description  CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86C08 Datasheet HTML 17Page - Zilog, Inc. Z86C08 Datasheet HTML 18Page - Zilog, Inc. Z86C08 Datasheet HTML 19Page - Zilog, Inc. Z86C08 Datasheet HTML 20Page - Zilog, Inc. Z86C08 Datasheet HTML 21Page - Zilog, Inc. Z86C08 Datasheet HTML 22Page - Zilog, Inc. Z86C08 Datasheet HTML 23Page - Zilog, Inc. Z86C08 Datasheet HTML 24Page - Zilog, Inc. Z86C08 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Z86C04/C08
Zilog
CMOS 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
DS97DZ80502
P R E L I M I N A R Y
21
1
FUNCTIONAL DESCRIPTION
RESET. Upon power-up the Power-On Reset circuit waits
for T
POR ms, plus 18 clock cycles, and then starts program
execution at address%000C (Hex) (Figure 10). The device
control registers’ reset value is shown in Table 2.
Figure 9. Internal Reset Configuration
Table 1. Z86C04/C08 & C05/C07 Control Registers
Reset Condition
Addr.
Reg.
D7
D6
D5
D4
D3
D2
D1
D0
Comments
03H (3)*
Port 3
U
UUUU
U
U
U
02H (2)*
Port 2
U
UUUU
U
U
U
00H (0)*
Port 0
U
UUUU
U
U
U
FFH(255)
SPL
0
0000
0
0
0
FFH (254)
GPR
0
0000
0
0
0
FDH (253)
RP
0
0000
0
0
0
FCH (252)
FLAGS
U
UUUU
U
U
U
FBH (251)
IMR
0
UUUU
U
U
U
FAH (250)
IRQ
U
U
0
0
0
0
0
0
IRQ3 is used
for positive
edge detection
F9H (249)
IPR
U
UUUU
U
U
U
F8H (248)*
P01M
U
U
U
0
U
U
0
1
F7H (247)*
P3M
U
UUUU
U
0
0
F6H (246)*
P2M
1
1111
1
1
1
Inputs after
reset
F5H (245)
PRE0
U
UUUU
U
U
0
F4H (244)
T0
U
UUUU
U
U
U
F3H (243)
PRE1
U
UUUU
U
0
0
F2H (242)
T1
U
UUUU
U
U
U
F1H (241)
TMR
0
0000
0
0
0
Note: *Registers are not reset after a STOP-Mode Recovery using P27 pin.
A subsequent reset will cause these control registers to be re-configured as shown in
Table 2 and the user must avoid bus contention on the port pins or it may affect device reliability.
POR
(Cold Start)
P27
(Stop Mode)
Delay Line
TPOR ms
18 CLK
Reset Filter
Chip
Reset
XTAL OSC
INT OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com