Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS10100EMFST3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTS10100EMFST3G
Description  Very Low Leakage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS10100EMFST3G Datasheet(HTML) 1 Page - ON Semiconductor

  NTS10100EMFST3G Datasheet HTML 1Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 2Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 3Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 4Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
April, 2014 − Rev. 1
1
Publication Order Number:
NTS10100EMFS/D
NTS10100EMFS,
NRVTS10100EMFS
Very Low Leakage
Trench-based Schottky
Rectifier
Features
• Fine Lithography Trench−based Schottky Technology for Very Low
Leakage
• Fast Switching with Exceptional Temperature Stability
• Low Power Loss and Lower Operating Temperature
• Higher Efficiency for Achieving Regulatory Compliance
• Low Thermal Resistance
• High Surge Capability
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide−Free Devices
Typical Applications
• Switching Power Supplies including Notebook / Netbook Adapters,
ATX and Flat Panel Display
• High Frequency and DC−DC Converters
• Freewheeling and OR−ing diodes
• Reverse Battery Protection
• LED Lighting
• Instrumentation
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Device
Package
Shipping†
ORDERING INFORMATION
NTS10100EMFST1G
NRVTS10100EMFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
TRENCH SCHOTTKY
RECTIFIERS
10 AMPERES
100 VOLTS
http://onsemi.com
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
TE1010 = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
TE1010
AYWWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NTS10100EMFST3G
NRVTS10110EMFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NTS10100EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS10100MFST1G ONSEMI-NTS10100MFST1G Datasheet
66Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS10100MFST3G ONSEMI-NTS10100MFST3G Datasheet
66Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
More results

Similar Description - NTS10100EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTS10120EMFS ONSEMI-NTS10120EMFS Datasheet
69Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
June, 2014 ??Rev. 0
NTS12100EMFS ONSEMI-NTS12100EMFS Datasheet
69Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NTS12120EMFS ONSEMI-NTS12120EMFS Datasheet
111Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
March, 2014 ??Rev. 1
NTST40H120ECTG ONSEMI-NTST40H120ECTG Datasheet
67Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
July, 2015 ??Rev. 1
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTS8120EMFS ONSEMI-NRVTS8120EMFS Datasheet
63Kb / 5P
Very Low Leakage Trench-based Schottky Rectifier
July, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com