Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS10100EMFST3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTS10100EMFST3G
Description  Very Low Leakage Trench-based Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS10100EMFST3G Datasheet(HTML) 3 Page - ON Semiconductor

  NTS10100EMFST3G Datasheet HTML 1Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 2Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 3Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 4Page - ON Semiconductor NTS10100EMFST3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS10100EMFS, NRVTS10100EMFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
80
90
100 110 120 130 140 150 160 170
100
1,000
10,000
0.1
1
10
100
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0
10
20304050
60708090
100
0.1
1.0
10.0
100.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0.1
1.0
10.0
100.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
TA = 125°C
TA = 150°C
TA = 25°C
TJ = 25°C
RqJC = 2.0°C/W
Square Wave
DC
TA = 175°C
TA = −55°C
TA = 25°C
TA = −55°C
TA = 125°C
TA = 150°C
TA = 175°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = 25°C
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0
10
2030405060
708090 100
TA = 150°C
TA = 175°C
TA = 125°C
TA = 25°C
25
20
15
10
5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com