Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-KB Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-KB
Description  gigabit ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-KB Datasheet(HTML) 1 Page - AAEON Technology

  COM-KB Datasheet HTML 1Page - AAEON Technology COM-KB Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06-9
www.aaeon.com
06
• ECB-920A-A10
COM Express Type 1/6/10 Carrier Board, Gigabit Ethernet, USB, 2 COM, 4 SATA, PCIe, AT/ATX, Legacy Free,
Rev. A1.0
• TF-PER-A127
Heat Spreader, For COM-KB
• TF-PER-A118
CPU Cooler, 35Watt, For COM Express Size, To be used with Heat Spreader
Features
Specifications
COM-KB
■
■
AMD® Embedded G-Series SoC APU:
- AMD® GX-420CA Quad-core 2.0 GHz SoC with AMD
Radeon™ HD 8400E Graphics
- AMD® GX-217GA Dual-core 1.65 GHz SoC with AMD
Radeon™ HD 8280E Graphics
■
■
DDR3/DDR3L-1600 MHz SODIMM, Up to 8 GB
■
■
Gigabit Ethernet x 1
■
■
CRT, 24-bit Single Channel LVDS
■
■
High Definition Audio Interface
■
■
SATA x 2, USB3.0 x 2, USB2.0 x 8
■
■
PCI-Express [x1] x 5
■
■
COM Express Pin out Type 6
■
■
Compact Module Size, 95mm x 95mm, COM.0 Rev. 2.0
COM Express Type 6 with AMD® G-Series SoC APU
• M2.5 Screw x 5
• Product CD
• COM-KB
Packing List
System
Form Factor
COM Express compact module, Pin-out type 6, COM. 0 Rev.2.0
Processor
AMD® Embedded G-Series SoC APU
GX-420CA SoC with AMD Radeon™ HD 8400E Graphics (Quad-core, 25W TDP,
CPU freq. 2.0 GHz, GPU freq. 600 MHz)
GX-217GA SoC with AMD Radeon™ HD 8280E Graphics (Dual-core, 15W TDP,
CPU freq. 1.65 GHz, GPU freq. 450 MHz)
System Memory
204-pin DDR3/DDR3L 1600 MHz SODIMM, Up to 8 GB (non-ECC support)
Chipset
AMD® Embedded G-Series SoC
I/O Chipset
ITE 8518 I/O controller
Ethernet
Realtek RTL8111E , 10/100/1000Base-TX, RJ-45 x 1
TPM
—
BIOS
AMI Plug & Play SPI BIOS – 16 MB ROM
EEPROM
Atmel AT24C02 (2Kb), Save BIOS and configuration data (Optional)
Wake on LAN
Yes
Watchdog Timer
ITE 8518 , 255 levels
H/W Status Monitoring
Supports CPU temperature monitoring
Expansion Interface
PCI-Express [x1] x5, LPC bus x 1, SMBUS x 1, PCI-Express[x4] x 1(PEG) , DDI x 2
Power Requirement
+12V AT/ATX
Power Consumption
AMD GX-420CA 2.0 GHz, DDR3L 8 GB, 1.2A@+12V
Board Size
3.74” x 3.74” (95mm x 95mm)
Gross Weight
0.55 lb (0.25 kg)
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-4 °F ~ 158 °F (-20 °C ~ 70 °C)
Operation Humidity
10% ~ 80% relative humidity, non-condensing
MTBF
80,000
Display
Chipset
AMD® Embedded G-Series SoC APU
Graphic Engine
GX-420CA SoC with AMD Radeon™ HD 8400E Graphics (Quad-core, 25W TDP,
CPU freq. 2.0 GHz, GPU freq. 600 MHz)
GX-217GA SoC with AMD Radeon™ HD 8280E Graphics (Dual-core, 15W TDP,
CPU freq. 1.65 GHz, GPU freq. 450 MHz)
Resolution
1920 x 1200 @ 60 Hz for CRT
1400 x 1050 @ 60 Hz for LCD
1920x 1080 for HDMI
1920x 1080 for eDP
LCD Interface
24-bit single channel LVDS
SDVO
—
I/O
Storage
SATA x 2
USB
USB3.0 x 2, USB2.0 x 8
Audio
High definition audio interface
GPIO
Up to 4 in and 4 out
Optional Accessory
DDR3/3L SODIMM Socket
eDP Connector
AMD® Embedded
G-Series SoC APU
Realtek RTL8111E Gigabit
Ethernet
ITE 8518 I/O
Controller


Similar Part No. - COM-KB

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-KBHB6 AAEON-COM-KBHB6 Datasheet
604Kb / 2P
COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
2022/09/01
COM-KBUC6-A11-0001 AAEON-COM-KBUC6-A11-0001 Datasheet
503Kb / 2P
COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
COM-KBUC6-A11-0003 AAEON-COM-KBUC6-A11-0003 Datasheet
503Kb / 2P
COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
More results

Similar Description - COM-KB

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
gigabit ethernet
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com