Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-KB Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-KB
Description  gigabit ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-KB Datasheet(HTML) 2 Page - AAEON Technology

  COM-KB Datasheet HTML 1Page - AAEON Technology COM-KB Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-10
www.aaeon.com
Note: All specifications are subject to change without notice.
Unit: mm
Block Diagram
Dimension
Unit: mm
COM-KB
Ordering Information
Part Number
COM Express
Type
CPU
Memory
Fan/
Fanless
Display
LVDS
Storage
LAN
USB
UART
Expansion Slot
Power
Temp.
COM-KB-A10-01
6 (COM.0 Rev. 2.0)
AMD GPU GX420CA-
QC 2.0 GHz (25W)
DDR3/DDR3L-1600 MHz, Up
to 8 GB
Fan
VGA, HDMI,
LVDS, eDP
24b, 1CH
SATA x 2
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 5, 1PEG x 4
12V
0°C ~ 60°C
COM-KB-A10-02
6 (COM.0 Rev. 2.0)
AMD GPU GX217GA-
DC 1.65 GHz (15W)
DDR3/DDR3L-1600 MHz,
Up to 8GB
Fan
VGA, HDMI,
LVDS, eDP
24b, 1CH
SATA x 2
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 5, 1PEG x 4
12V
0°C ~ 60°C
DDR3/3L SODIMM
18bit LVDS/eDP
Channel A
LPC, MISC
10/100/1000M
PCIe [x1]
ITE
EC
IT8518
AMD®
FT3 CPU
GX-420
GX-217
Realtek
GbE LAN
RTL8111E-VL-CG
BIOS
SPI
PCIe [x1] *2
IDT
PCIe Switch
89HPES4T4
PCIe [x1]*3
PCIe [x1]
USB2.0 *8
SATA III *2
HD Audio
NXP
Switch
CBTL06GP212
DP0
DDI1
PCIe [x4]*1 or PCIe [x1] *1
USB3.0 *2
NXP
Switch
CBTL06GP212
Chrontel
LVDS
CH7511B
DDI2
COM-KB Type6
RGB
DP1
24bit 2CH LVDS
SD/DIO 8bit
eDP
LVDS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com