Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9533FSC Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z86C9533FSC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9533FSC Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z86C9533FSC Datasheet HTML 10Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 11Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 12Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 13Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 14Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 15Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 16Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 17Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 18Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Z86C95 DSP
CPS DC-4067-13
AC CHARACTERISTICS (Continued)
A/D Converter Electrical Characteristics
V
CC = 3.3V ± 10%
Parameter
Minimum
Typical
Maximum
Units
Resolution
8
Bits
Integral non-linearity
0.5
1
LSB
Differential non-linearity
0.5
1
LSB
Zero Error at 25
°C
5.0
mV
Supply Range
2.7
3.0
3.3
Volts
Power dissapation, no load
20
40
mW
Clock frequency
24
MHz
Input voltage range
VA
LO
VA
HI
Volts
Conversion time
2
µsec
Input capacitance on ANA
25
40
pF
VA
HI
range
VA
LO +2.5
AV
CC
Volts
VA
LO range
AN
GND
AV
CC–2.5
Volts
VA
HI
-–VA
LO
2.5
AV
CC
Volts
Notes:
Voltage 2.7V – 3.3V
Temp 0-70
°C
D/A Converter Electrical Characteristics
V
CC = 3.3V ± 10%
Parameter
Minimum
Typical
Maximum
Units
Resolution
8
Bits
Integral non-linearity
0.25
1
LSB
Differential non-linearity
0.25
0.5
LSB
Setting time, 1/2 LSB
1.5
3.0
µsec
Zero Error at 25
°C10
20
mV
Full Scale error at 25
°C
0.25
0.5
LSB
Supply Range
2.7
3.0
3.3
Volts
Power dissapation, no load
10
mW
Ref Input resistance
2K
4K
10K
Ohms
Output noise voltage
50
µVp-p
VD
HI range at 3 volts
1.5
1.8
2.1
Volts
VD
LO range at 3 volts
0.2
0.5
0.8
Volts
VD
HI–VDLO, at 3 volts
1.3
1.6
1.9
Volts
Capacitive output load, CL
20
pF
Resistive output load, RL
50K
Ohms
Output slew rate
1.0
3.0
V/
µsec
Notes:
Voltage 2.7V – 3.3V
Temp 0-70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com