Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C9533FSC Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C9533FSC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9533FSC Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C9533FSC Datasheet HTML 1Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 2Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 3Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 4Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 5Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 6Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 7Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 8Page - Zilog, Inc. Z86C9533FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Z86C95 DSP
CPS DC-4067-13
GENERAL DESCRIPTION (Continued)
2.
ICC2 at STOP Mode and DSP Pause will show a
current of 1-2 mA, then will jump to 5-7 mA, and will
settle at 3-4 mA. Settling time is about 10-15 seconds.
3.
The zero error for the ADC at 25
°C is about 180 mV.
Port 3
ALU
Flags
Register
Pointer
Register File
256 x 8-Bit
Machine Timing and
Instruction Control
Vcc
GND
XTAL
R//W /RESET
Output
Input
/AS /DS
SPI
UART
Three 16-Bit
Counter/
Timers
32
÷ 16
Divider
16 x 16
Multiplier
Interrupt
Control
Digital Signal Processor
Program
Counter
/WAIT
Port 2
I/O
(Bit Programmable)
Address
A15-A0*
Address/Data
8
Program
RAM
DSP RAM
Bank 1
ADC
DSP RAM
Bank 2
DAC
8 Channel
Analog In
Analog
Out
PWM
PWM
* In multiplexed mode,
A7-A0 reflects the DSP
address bus for emulation.
AD7-AD0
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com