Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87100 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z87100
Description  Wireless Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87100 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z87100 Datasheet HTML 17Page - Zilog, Inc. Z87100 Datasheet HTML 18Page - Zilog, Inc. Z87100 Datasheet HTML 19Page - Zilog, Inc. Z87100 Datasheet HTML 20Page - Zilog, Inc. Z87100 Datasheet HTML 21Page - Zilog, Inc. Z87100 Datasheet HTML 22Page - Zilog, Inc. Z87100 Datasheet HTML 23Page - Zilog, Inc. Z87100 Datasheet HTML 24Page - Zilog, Inc. Z87100 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Z87100
Zilog
Wireless Transmitter
DS96WRL0700
P R E L I M I N A R Y
3-21
3
In order to enter STOP (or HALT) mode, it is necessary to
first flush the instruction pipeline to avoid suspending exe-
cution in mid-instruction. To do this, the user executes a
NOP (opcode=FFH) immediately before the appropriate
sleep instruction; i.e.,
PN Modulator. The Z87100 incorporates a PN modulator
to allow generation of a direct sequence spread spectrum
data stream. Coupled with the appropriate transmitter cir-
cuitry, the Z87100 can support wireless and power line
spread spectrum transmission.
The PN modulator of the Z87100 is shown in Figure 15.
Major elements of the PN modulator include the PN ROM,
the PN modulator control logic, the data hold and data
shift registers, and the clock select multiplexor and PN and
data clock generator.
As part of the PN modulator, a specially designated area
of ROM (PN ROM) provides space for 256 bits (“chips”) of
one or more pseudorandom noise sequences. The PN
modulator control logic accesses the PN ROM as a circular
buffer and synchronously exclusive-or’s (XORs) each chip
of the sequence with the data bits loaded in the PN modu-
lator's data shift register, thereby PN modulating the data.
The PN code is accessed from the PN ROM beginning at
a specified relative address (PNADDR, register %02 in
bank C of the Expanded Register Group) until the chip cor-
responding to the PN code length (PNLEN, register %03 in
bank C of the Expanded Register Group) is reached, at
which point access continues again from the specified rel-
ative address.
The limits of the PN ROM address space are automatically
resolved by the control logic so that the PN ROM is effec-
tively a large circular buffer from which smaller circular
buffers defined by PNLEN and PNADDR can be access-
ed. Operation and control of the circular buffer is transpar-
ent to the user. As long as the sum of code lengths is less
than or equal to 256 chips, more than one PN sequence
may be ROM programmed, with the choice of code or even
a concatenation of codes to be used for transmission con-
trolled by Z8 software and the values of PNADDR and PN-
LEN.
Contents of PN ROM are shifted out and XOR’ed with the
contents of the data shift register. The rates at which the
two streams are shifted are controlled by the PN and data
clocks so that one or more PN chips are XOR’ed against a
single data bit, where the number of PN chips is deter-
mined by the value of PNLEN. The reference clock for the
PN modulator may be selected from the internal system
clock (SCLK) or either of the two counter/timers (T0 and
T1).
In nominal operation, the PN clock is defined by the select-
ed reference clock, and the data clock is then generated as
an integer fraction of the PN clock, where the integer is
specified by PNLEN. In this way, each data bit can be syn-
chronously modulated by a full PN code sequence as de-
fined by PNLEN, PNADDR, and the contents of PN ROM.
As a practical matter, this type of symbol-synchronous PN
modulation allows the corresponding spread spectrum re-
ceiver to be designed with improved acquisition perfor-
mance — since the PN and data modulation are synchro-
nously related at the transmitter, PN acquisition at the
receiver can simultaneously establish bit synchronization.
FF
NOP; clear the pipeline
6F
STOP; enter STOP mode
or
FF
NOP; clear the pipeline
7F
HALT; enter HALT mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com