Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L88 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86L88
Description  INFRARED REMOTE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L88 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86L88 Datasheet HTML 1Page - Zilog, Inc. Z86L88 Datasheet HTML 2Page - Zilog, Inc. Z86L88 Datasheet HTML 3Page - Zilog, Inc. Z86L88 Datasheet HTML 4Page - Zilog, Inc. Z86L88 Datasheet HTML 5Page - Zilog, Inc. Z86L88 Datasheet HTML 6Page - Zilog, Inc. Z86L88 Datasheet HTML 7Page - Zilog, Inc. Z86L88 Datasheet HTML 8Page - Zilog, Inc. Z86L88 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
2
P R E L I M I N A R Y
DS96LV00800
GENERAL DESCRIPTION (Continued)
consumer, automotive, computer peripheral, and battery
operated hand-held applications.
There are four basic address spaces available to support
a wide range of configurations: Program Memory, Regis-
ter File, Expanded Register File, and External Memory.
The register file is composed of 256 bytes of RAM. It in-
cludes four I/O port registers, 16 control and status regis-
ters and the rest are General Purpose registers. The Ex-
panded Register File consists of two additional register
groups (F and D). External Memory is not available on 28-
pin versions.
To unburden the program from coping with such real-time
problems as generating complex waveforms or receiving
and demodulating complex waveform/pulses, the Z86LXX
family offers a new intelligent counter/timer architecture
with 8-bit and 16-bit counter/timers (Figure 1). Also includ-
ed are a large number of user-selectable modes, and two
on-board comparators to process analog signals with sep-
arate reference voltages (Figure 2).
Notes: All Signals with a preceding front slash, "/", are ac-
tive Low, e.g., B//W (WORD is active Low); /B/W (BYTE is
active Low, only).
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Counter/Timers Diagram
HI16
LO16
16-Bit
T16
TC16H
TC16L
HI8
LO8
And/Or
Logic
Clock
Divider
Glitch
Filter
Edge
Detect
Circuit
8-Bit
T8
TC8H
TC8L
8
8
16
8
Input
SCLK
1 2 48
Timer 16
Timer 8/16
Timer 8
8
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com