Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L88 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86L88
Description  INFRARED REMOTE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L88 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86L88 Datasheet HTML 1Page - Zilog, Inc. Z86L88 Datasheet HTML 2Page - Zilog, Inc. Z86L88 Datasheet HTML 3Page - Zilog, Inc. Z86L88 Datasheet HTML 4Page - Zilog, Inc. Z86L88 Datasheet HTML 5Page - Zilog, Inc. Z86L88 Datasheet HTML 6Page - Zilog, Inc. Z86L88 Datasheet HTML 7Page - Zilog, Inc. Z86L88 Datasheet HTML 8Page - Zilog, Inc. Z86L88 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
3
1
Figure 2. Functional Block Diagram
Port 0
P00
P01
P02
P03
P04
P05
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
P20
P21
P22
P23
P24
P25
P26
P27
Pref1
P31
P32
P33
/AS
/DS
R/W
/RESET
Port 3
Port 1
Port 2
Register File
256 x 8-bit
ROM
24K/32K x 8
Z8 Core
Register Bus
Internal
Address Bus
Internal Data Bus
Expanded
Register
File
Expanded
Register Bus
Counter/Timer 8
8-Bit
Counter/Timer 16
16-Bit
Machine
Timing
&
Instruction
Control
Power
XTAL
VDD
VSS
P34
P35
P36
P37
4
4
8
I/O Bit
Programmable
R//RL
(44-Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com