Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L78 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86L78
Description  IR/Low-Voltage Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L78 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86L78 Datasheet HTML 17Page - Zilog, Inc. Z86L78 Datasheet HTML 18Page - Zilog, Inc. Z86L78 Datasheet HTML 19Page - Zilog, Inc. Z86L78 Datasheet HTML 20Page - Zilog, Inc. Z86L78 Datasheet HTML 21Page - Zilog, Inc. Z86L78 Datasheet HTML 22Page - Zilog, Inc. Z86L78 Datasheet HTML 23Page - Zilog, Inc. Z86L78 Datasheet HTML 24Page - Zilog, Inc. Z86L78 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Z86L78
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0701
2-21
1
RAM. The Z86L78 has 512-bytes of RAM and 256 bytes
make-up the Register file. The remaining 256 bytes make
up the Extended Data RAM.
Extended Data RAM. The Extended Data RAM occupies
the address range. FF00H-FFFFH (256 bytes). Accessing
the Extended Data RAM is accomplished by using LDE in-
struction only.
Note: The Extended Data RAM cannot be used as Stack
or instructions/code memory.
Expanded Register File (ERF). The standard Z8 register
file has been expanded to allow for additional system con-
trol registers, and for mapping of additional peripheral de-
vices along with I/O ports into the register address area.
The Z8 register address space R0 through R15 has been
implemented as 16 groups of 16 registers per group.
These register groups are known as the Expanded Regis-
ter File (ERF). Bits 7-4 of register RP select the working
register group. Bits 3-0 of register RP select the expanded
register group (Figure 16).
The upper nibble of the register pointer (Figure 18) selects
which group of 16 bytes in the register file, out of the full
256 bytes, will be accessed. The lower nibble selects the
expanded register file bank and, in the case of the Z86L78,
Banks F and D are implemented. A 0H in the lower nibble
will allow the normal register file to be addressed, but any
other value from 1H to FH will exchange the lower 16 reg-
isters in favor of an expanded register group of 16 regis-
ters.
For example:
Z86L78: (See Figure 17)
R253 RP = 00H
R0 = Port 0
R1 = Port 1
R2 = Port 2
R3 = Port 3
But if:
R253 RP = 0DH
R0 = CTRL0
R1 = CTRL1
R2 = CTRL2
R3 = Reserved
The counter/timers are mapped into ERF group D. Access
is easily done using the following example:
LD RP, #0DH Select ERF D for access and register Bank
0 as the working register group
LD R0,#xx access CTRL0
LD1, #xx access CTRL1
LDRP, #7DH Select expanded register group (ERF) group
D for access and register Bank 7 as the working reg-
ister bank
LDR1, 2 CTRL2
→ register 71H
Figure 15. Register Pointer Register
D7
D6
D5
D4 D3
D2
D1 D0
Expanded Register
File Pointer
Working Register
Pointer
R253 RP
Default Setting After Reset = 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com