Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L78 Datasheet (PDF) - Zilog, Inc.

Z86L78 Datasheet PDF - Zilog, Inc.
Part # Z86L78
Download  Z86L78 Download
File Size   296.29 Kbytes
Page   59 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description IR/Low-Voltage Microcontroller

Z86L78 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86L78 Datasheet PDF - Zilog, Inc.

Part # Z86L78
Download  Z86L78 Click to download

File Size   296.29 Kbytes
Page   59 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description IR/Low-Voltage Microcontroller

Z86L78 Datasheet (HTML) - Zilog, Inc.


Z86L78 Product details

GENERAL DESCRIPTION
Zilogs Z86L78 is a low-voltage microcontroller, a member of the IR (Infrared) Family, with 16 KB of ROM and 493 bytes of general-purpose RAM. Manufactured in CMOS technology and offered in 20-pin DIP or SOIC styles packages, this cost-effective, low power consumption ROMbased device offers fast execution, efficient use of memory, sophisticated interrupts, input/output bit manipulation capabilities, automated pulse generation/reception, and easy hardware/software system expansion.
   
FEATURES
■ Low Power Consumption: 40 mW (Typical)
■ Three Standby Modes (Typical)
    – STOP - 2 µA
    – HALT - 0.8 mA
    – Low Voltage (<VLv)
■ Programmable Watch-Dog/Power-On Reset Circuits
■ All Digital Inputs are CMOS Levels
■ Five Priority Interrupts
    – Three External
    – Two Assigned to Counter/Timers
■ Two Independent Comparators with Programmable
    Interrupt Polarity
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
    Resonator, LC, RC (Mask Selectable), or External Clock
    Drive
■ Mask Selectable Option to Enable 32 kHz Crystal
    Operation
■ Special Architecture to Automate Both Generation and
    Reception of Complex Pulses or Signals:
    – One Programmable 8-Bit Counter/Timer with Two
        Capture Registers
    – One Programmable 16-Bit Counter/Timer with
        One Capture Register
    – Programmable Input Glitch Filter for Pulse
        Reception
■ Mask-Selectable 200 KOhm Pull-Ups on Ports 0, 2, 3:
    – All Eight Port 2 Bits Individually Selected
    – Pull-Ups Automatically Disabled Upon Selecting
        an Output.
   




Similar Part No. - Z86L78

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L71 ZILOG-Z86L71 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L72 ZILOG-Z86L72 Datasheet
364Kb / 71P
IR MICROCONTROLLER
Z86L7208FSC ZILOG-Z86L7208FSC Datasheet
364Kb / 71P
IR MICROCONTROLLER
More results


Similar Description - Z86L78

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
IR MICROCONTROLLER
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
Low-Voltage Microcontroller
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
IR/Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
LOW-VOLTAGE IR RECEIVER ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
Low-voltage IR Receiver ASSP
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
Low-voltage IR Receiver ASSP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com