Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L79 Datasheet (PDF) - Zilog, Inc.

Z86L79 Datasheet PDF - Zilog, Inc.
Part # Z86L79
Download  Z86L79 Download
File Size   301.22 Kbytes
Page   58 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Voltage Microcontroller

Z86L79 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86L79 Datasheet PDF - Zilog, Inc.

Part # Z86L79
Download  Z86L79 Click to download

File Size   301.22 Kbytes
Page   58 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Voltage Microcontroller

Z86L79 Datasheet (HTML) - Zilog, Inc.


Z86L79 Product details

GENERAL DESCRIPTION
The Z86L79/L80 family of IR (InfraRed) Controllers are ROM-based members of the Z8® MCU single-chip microcontroller family with 237 bytes of general-purpose RAM.
   
FEATURES   
■ Three Standby Modes (Typical)
    – STOP - 2 µA
    – HALT - 0.8 mA
    – Low Voltage Standby (<VLV)
■ Expanded Register File Control Registers
■ Special Architecture to Automate Both Generation and
    Reception of Complex Pulses or Signals:
    – One Programmable 8-Bit Counter/Timer with Two
        Capture Registers
    – One Programmable 16-Bit Counter/Timer with
        One Capture Register
    – Programmable Input Glitch Filter for Pulse
    Reception
■ Five Priority Interrupts
■ Low Voltage Detection and Standby Mode
■ Watch-Dog/Power-On Reset Circuits
■ Two Independent Comparators with Programmable
    Interrupt Polarity
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
    Resonator, LC, RC, or External Clock Drive
■ Mask Selectable 200 kOhm Pull-Ups on Ports 0, 2, 3
    – All Eight Port 2 Bits at One Time or Not
    – Pull-Ups Automatically Disabled Upon
        Selecting Individual Pins as Outputs.
■ Maskable SingleTrip Point Inputs on P00 Through P03.
■ Permanently Enabled WDT Option (Maskable)
■ 28-Pin DIP and SOIC Packages
   




Similar Part No. - Z86L79

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L71 ZILOG-Z86L71 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L72 ZILOG-Z86L72 Datasheet
364Kb / 71P
IR MICROCONTROLLER
Z86L7208FSC ZILOG-Z86L7208FSC Datasheet
364Kb / 71P
IR MICROCONTROLLER
More results


Similar Description - Z86L79

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
IR/Low-Voltage Microcontroller
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
IR/Low-Voltage Microcontroller
logo
Cypress Semiconductor
CY7C601XX CYPRESS-CY7C601XX Datasheet
1Mb / 62P
enCoRe??II Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445 Datasheet
617Kb / 26P
enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445_08 Datasheet
666Kb / 27P
enCoRe??V Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX Datasheet
727Kb / 30P
enCoRe V Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX_09 Datasheet
727Kb / 30P
enCoRe V Low Voltage Microcontroller
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
Cypress Semiconductor
CY7C601XX_09 CYPRESS-CY7C601XX_09_09 Datasheet
1Mb / 68P
enCoRe II Low Voltage Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com