Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L72 Datasheet (PDF) - Zilog, Inc.

Z86L72 Datasheet PDF - Zilog, Inc.
Part # Z86L72
Download  Z86L72 Download
File Size   364.1 Kbytes
Page   71 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description IR MICROCONTROLLER

Z86L72 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86L72 Datasheet PDF - Zilog, Inc.

Part # Z86L72
Download  Z86L72 Click to download

File Size   364.1 Kbytes
Page   71 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description IR MICROCONTROLLER

Z86L72 Datasheet (HTML) - Zilog, Inc.


Z86L72 Product details

GENERAL DESCRIPTION
The Z86LX2/CX2 family of IR (Infrared) are ROM/ROMless-based members of the Z8® MCU single-chip microcontroller family with 768 bytes of internal RAM. The differentiating factor between these devices is the availability of RAM, ROM and package options. The use of external memory enables these Z8 microcontrollers to be used where code flexibility is required. Offering the 5V versions (Z86CXX) and gives optimum performance in both the low and high voltage ranges.
   
FEATURES
■ Expanded Register File Control Registers
■ Low Power Consumption - 40 mW (typical)
■ Three Standby Modes:
    – STOP
    – HALT
    – Low Voltage
■ Automatic External ROM Access Beyond 16K
    (Z86LX2/C72 Version)
■ Special Architecture to Automate Both Generation and
    Reception of Complex Pulses or Signals:
    – One Programmable 8-Bit Counter/Timer with Two
        Capture Register
    – One Programmable 16-Bit Counter/Timer with
        One Capture Register
    – Programmable Input Glitch Filter for Pulse
        Reception
■ Five Priority Interrupts
    – Three External
    – Two Assigned to Counter/Timers
■ Low Voltage Detection and Standby Mode
■ Programmable Watch-Dog/Power-On Reset Circuits
■ Two Independent Comparators with Programmable
    Interrupt Polarity
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
    Resonator, LC, RC (mask option), or External Clock
    Drive
■ Mask Selectable 200 kOhms Pull-Ups on Ports 0, 2, 3
    – All Eight Port 2 Bits at one time or Not
    – Pull-Ups Automatically Disabled Upon Selecting
        Individual Pins as Outputs
■ Maskable Mouse/Trackball Interface on P00 Through
    P03 is available on the L72 version.
■ 32 kHz Oscillator Mask Option
   




Similar Part No. - Z86L72

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L71 ZILOG-Z86L71 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L73 ZILOG-Z86L73 Datasheet
599Kb / 66P
IR/Low-Voltage Microcontroller
Z86L73 ZILOG-Z86L73 Datasheet
127Kb / 19P
INFRARED REMOTE CONTROLLERS
More results


Similar Description - Z86L72

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
IR/Low-Voltage Microcontroller
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
IR/Low-Voltage Microcontroller
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
IR/Low-Voltage Microcontroller
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
IR Sensor
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C_07 Datasheet
150Kb / 2P
IR Sensor
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
IR touchscreen
logo
Roithner LaserTechnik G...
C2021-B1 ROITHNER-C2021-B1 Datasheet
139Kb / 1P
IR-LASERMODULE
logo
List of Unclassifed Man...
QBLP651-IR3 ETC1-QBLP651-IR3 Datasheet
503Kb / 9P
IR LED
logo
OSRAM GmbH
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
IR OSLUX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com