Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet (PDF) - Zilog, Inc.

Z86L71 Datasheet PDF - Zilog, Inc.
Part # Z86L71
Download  Z86L71 Download
File Size   349.71 Kbytes
Page   61 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description IR/Low-Voltage Microcontroller

Z86L71 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86L71 Datasheet PDF - Zilog, Inc.

Part # Z86L71
Download  Z86L71 Click to download

File Size   349.71 Kbytes
Page   61 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description IR/Low-Voltage Microcontroller

Z86L71 Datasheet (HTML) - Zilog, Inc.


Z86L71 Product details

GENERAL DESCRIPTION
The Z86L7X family of IR (Infrared)/Low-Voltage Microcontrollers are ROM/ROMless-based members of the Z8® MCU single-chip family with 237/125 bytes of internal RAM. The differentiating factor between these devices is the availability of RAM, ROM and package options. Offering the 3V versions (Z86LXX) with the Z86C71 gives optimum performance in both the low and high voltage ranges
   
FEATURES
■ Two Standby Modes (Typical)
    – STOP - 2 µA
    – HALT - 0.8 mA
■ Special Architecture to Automate Both Generation and
    Reception of Complex Pulses or Signals:
    – One Programmable 8-Bit Counter/Timer with Two
        Capture Registers
    – One Programmable 16-Bit Counter/Timer with
        One Capture Register
    – Programmable Input Glitch Filter for Pulse
        Reception
■ Five Priority Interrupts
■ Low Voltage Detection and Protection
■ Programmable Watch-Dog/Power-On Reset Circuits
■ Two Independent Comparators with Programmable
    Interrupt Polarity
■ On-Chip Oscillator that Accepts a Crystal, Ceramic
    Resonator, LC, RC (mask option), or External Clock
    Drive
■ Mask Selectable 200 KOhm Pull-Ups on Ports 0, 2, 3
   




Similar Part No. - Z86L71

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
More results


Similar Description - Z86L71

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
IR MICROCONTROLLER
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
IR/Low-Voltage Microcontroller
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
Low-Voltage Microcontroller
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
IR/Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
LOW-VOLTAGE IR RECEIVER ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
Low-voltage IR Receiver ASSP
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
Low-voltage IR Receiver ASSP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com