Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86L71 Datasheet HTML 1Page - Zilog, Inc. Z86L71 Datasheet HTML 2Page - Zilog, Inc. Z86L71 Datasheet HTML 3Page - Zilog, Inc. Z86L71 Datasheet HTML 4Page - Zilog, Inc. Z86L71 Datasheet HTML 5Page - Zilog, Inc. Z86L71 Datasheet HTML 6Page - Zilog, Inc. Z86L71 Datasheet HTML 7Page - Zilog, Inc. Z86L71 Datasheet HTML 8Page - Zilog, Inc. Z86L71 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
DS97LVO0500
P R E L I M I N A R Y
1-1
1
PRELIMINARY PRODUCT SPECIFICATION
Z86L70/71/75/C71
1
IR/LOW-VOLTAGE MICROCONTROLLER
FEATURES
s
Two Standby Modes (Typical)
–
STOP - 2
µA
–
HALT - 0.8 mA
s
Special Architecture to Automate Both Generation and
Reception of Complex Pulses or Signals:
–
One Programmable 8-Bit Counter/Timer with Two
Capture Registers
–
One Programmable 16-Bit Counter/Timer with
One Capture Register
–
Programmable
Input
Glitch
Filter
for
Pulse
Reception
s
Five Priority Interrupts
s
Low Voltage Detection and Protection
s
Programmable Watch-Dog/Power-On Reset Circuits
s
Two Independent Comparators with Programmable
Interrupt Polarity
s
On-Chip Oscillator that Accepts a Crystal, Ceramic
Resonator, LC, RC (mask option), or External Clock
Drive
s
Mask Selectable 200 KOhm Pull-Ups on Ports 0, 2, 3
GENERAL DESCRIPTION
The Z86L7X family of IR (Infrared)/Low-Voltage Microcon-
trollers are ROM/ROMless-based members of the Z8®
MCU single-chip family with 237/125 bytes of internal
RAM. The differentiating factor between these devices is
the availability of RAM, ROM and package options. Offer-
ing the 3V versions (Z86LXX) with the Z86C71 gives opti-
mum performance in both the low and high voltage ranges.
Zilog's CMOS Low-Voltage Microcontrollers offer fast exe-
cution, efficient use of memory, sophisticated interrupts, in-
put/output bit manipulation capabilities, automated pulse
generation/reception, and internal key-scan pull-up resis-
tors. The Z86L7X product line offers easy hardware/soft-
ware system expansion with cost-effective and low power
consumption.
The Z86L7X architecture is based on Zilog's 8-bit micro-
controller core with an Expanded Register File to allow ac-
cess to register mapped peripherals, I/O circuits, and pow-
erful counter/timer circuitry. The Z8® MCU offers a flexible
I/O scheme, an efficient register and address space struc-
ture, and a number of ancillary features that are useful in
many consumer, automotive, computer peripheral, and
battery operated hand-held applications.
There are three basic address spaces available to support
a wide range of configurations: Program Memory, Register
File, and Expanded Register File. The register file is com-
posed of 256/144 bytes of RAM. It includes four I/O port
registers, 15 control and status registers and the rest are
General-Purpose registers. The Expanded Register File
consists of two additional register groups (F and D). Exter-
nal Memory is not available on 18 and 20-pin versions.
Part
ROM
(KB)
RAM*
(Bytes)
I/O
Voltage
Ranges
Z86L70
2
125
14
2.0V to 3.9V
Z86L71
8
237
16
2.0V to 3.9V
Z86L75
4
237
14
2.0V to 3.9V
Z86C71
8
237
16
4.5V to 5.5V
Note: *General-Purpose


Similar Part No. - Z86L71

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
More results

Similar Description - Z86L71

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
IR MICROCONTROLLER
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
IR/Low-Voltage Microcontroller
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
Low-Voltage Microcontroller
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
IR/Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
LOW-VOLTAGE IR RECEIVER ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
Low-voltage IR Receiver ASSP
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com