Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 31Page - Zilog, Inc. Z86L71 Datasheet HTML 32Page - Zilog, Inc. Z86L71 Datasheet HTML 33Page - Zilog, Inc. Z86L71 Datasheet HTML 34Page - Zilog, Inc. Z86L71 Datasheet HTML 35Page - Zilog, Inc. Z86L71 Datasheet HTML 36Page - Zilog, Inc. Z86L71 Datasheet HTML 37Page - Zilog, Inc. Z86L71 Datasheet HTML 38Page - Zilog, Inc. Z86L71 Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-35
1
T16 Demodulation Mode
The user should program TC16L and TC16H to %FF. After
T16 is enabled, when the first edge (rising, falling, or both
depending on CTR1 D5, D4) is detected, T16 captures
HI16 and LO16 reloads and begins counting.
If D6 of CTR2 is 0: When a subsequent edge (rising, fall-
ing, or both depending on CTR1 D5, D4) is detected during
counting, the current count in T16 is one's complemented
and put into HI16 and LO16. When data is captured, one
of the edge detect status bits (CTR1 D1, D0) is set and an
interrupt is generated if enabled (CTR2 D2). T16 is loaded
with %FFFF and starts again.
If D6 of CTR2 is 1: T16 ignores the subsequent edges in
the input signal and continues counting down. A time out
of T8 will cause T16 to capture its current value and gen-
erate an interrupt if enabled (CTR2, D2). In this case, T16
does not reload and continues counting. If D6 bit of CTR2
is toggled (by writing a 0 then a 1 to it), T16 will capture and
reload on the next edge (rising, falling, or both depending
on CTR1 D5, D4) but continue to ignore subsequent edg-
es.
Should T16 reach 0, it continues counting from %FFFF;
meanwhile, a status bit (CTR2 D5) is set and an interrupt
time-out can be generated if enabled (CTR2 D1).
Figure 25. T16_OUT in Single-Pass Mode
TC16H*256+TC16L Counts
“Counter Enable” Command,
T16_OUT Switches To Its
Initial Value (CTR1 D0)
T16_OUT Toggles,
Time-Out Interrupt
Figure 26. T16_OUT in Modulo-N Mode
TC16H*256+TC16L
“Counter Enable” Command,
T16_OUT Switches To Its
Initial Value (CTR1 D0)
T16_OUT Toggles,
Time-Out Interrupt
TC16H*256+TC16L
TC16H*256+TC16L
T16_OUT Toggles,
Time-Out Interrupt
T16_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com