Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 42 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 42 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 38Page - Zilog, Inc. Z86L71 Datasheet HTML 39Page - Zilog, Inc. Z86L71 Datasheet HTML 40Page - Zilog, Inc. Z86L71 Datasheet HTML 41Page - Zilog, Inc. Z86L71 Datasheet HTML 42Page - Zilog, Inc. Z86L71 Datasheet HTML 43Page - Zilog, Inc. Z86L71 Datasheet HTML 44Page - Zilog, Inc. Z86L71 Datasheet HTML 45Page - Zilog, Inc. Z86L71 Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-42
P R E L I M I N A R Y
DS97LVO0500
FUNCTIONAL DESCRIPTION (Continued)
HALT. HALT turns off the internal CPU clock, but not the
XTAL oscillation. The counter/timers and external inter-
rupts IRQ0, IRQ1, IRQ2, IRQ3, and IRQ4 remain active.
The devices are recovered by interrupts, either externally
or internally generated. An interrupt request must be exe-
cuted (enabled) to exit HALT Mode. After the interrupt ser-
vice routine, the program continues from the instruction af-
ter the HALT.
STOP. This instruction turns off the internal clock and ex-
ternal crystal oscillation and reduces the standby current
to 10
µA or less. STOP Mode is terminated only by a reset,
such as WDT time-out, POR, SMR, or external reset. This
causes the processor to restart the application program at
address 000CH. In order to enter STOP (or HALT) mode,
it is necessary to first flush the instruction pipeline to avoid
suspending execution in mid-instruction. To do this, the
user must execute a NOP (opcode = FFH) immediately be-
fore the appropriate sleep instruction, i.e.,
FF
NOP
; clear the pipeline
6F
STOP
; enter STOP Mode
or
FF
NOP
; clear the pipeline
7F
HALT
; enter HALT Mode
Port Configuration Register (PCON). The PCON regis-
ter configures the comparator output on Port 3. It is locat-
ed in the expanded register file at Bank F, location 00 (Fig-
ure 32).
Figure 32. Port Configuration Register (PCON)
(Write Only)
Reserved (Must be 1)
D7
D6
D5
D4 D3
D2
D1
D0
PCON (FH) 00H
Comparator Output Port 3
0 P34,Standard Output*
1 P34,Comparator Output
* Default Setting After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com