Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 61 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 53Page - Zilog, Inc. Z86L71 Datasheet HTML 54Page - Zilog, Inc. Z86L71 Datasheet HTML 55Page - Zilog, Inc. Z86L71 Datasheet HTML 56Page - Zilog, Inc. Z86L71 Datasheet HTML 57Page - Zilog, Inc. Z86L71 Datasheet HTML 58Page - Zilog, Inc. Z86L71 Datasheet HTML 59Page - Zilog, Inc. Z86L71 Datasheet HTML 60Page - Zilog, Inc. Z86L71 Datasheet HTML 61Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 61 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-61
1
ORDERING INFORMATION
Z86L70/71/75/C71
8.0 MHz
18-pin DIP
20-pin DIP
Z86L7008PSC
Z86L7108PSC
Z86L7508PSC
18-pin SOIC
20-pin SOIC
Z86L7008SSC
Z86L7108SSC
Z86L7508SSC
16.0 MHz
20-pin DIP
Z86C7116PSC
Codes
Package
P = Plastic DIP
S = SOIC (Small Outline Chip Carrier)
Temperature
Standard = 0
°C to +70 °C
Environmental
C = Plastic Standard
© 1997 by Zilog, Inc. All rights reserved. No part of this
document may be copied or reproduced in any form or by
any means without the prior written consent of Zilog, Inc.
The information in this document is subject to change
without notice. Devices sold by Zilog, Inc. are covered by
warranty and patent indemnification provisions appearing
in Zilog, Inc. Terms and Conditions of Sale only. Zilog, Inc.
makes no warranty, express, statutory, implied or by
description, regarding the information set forth herein or
regarding the freedom of the described devices from
intellectual property infringement. Zilog, Inc. makes no
warranty of merchantability or fitness for any purpose.
Zilog, Inc. shall not be responsible for any errors that may
appear in this document. Zilog, Inc. makes no commitment
to update or keep current the information contained in this
document.
Zilog’s products are not authorized for use as critical
components in life support devices or systems unless a
specific written agreement pertaining to such intended use
is executed between the customer and Zilog prior to use.
Life support devices or systems are those which are
intended for surgical implantation into the body, or which
sustains life whose failure to perform, when properly used
in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
FAX 408 370-8056
Internet: http://www.zilog.com
Example:
Z 86L71 08 P S C
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix
is a Z86L71, 8 MHz, DIP, 0
°C to +70°C, Plastic Standard Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com