Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 52 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 48Page - Zilog, Inc. Z86L71 Datasheet HTML 49Page - Zilog, Inc. Z86L71 Datasheet HTML 50Page - Zilog, Inc. Z86L71 Datasheet HTML 51Page - Zilog, Inc. Z86L71 Datasheet HTML 52Page - Zilog, Inc. Z86L71 Datasheet HTML 53Page - Zilog, Inc. Z86L71 Datasheet HTML 54Page - Zilog, Inc. Z86L71 Datasheet HTML 55Page - Zilog, Inc. Z86L71 Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-52
P R E L I M I N A R Y
DS97LVO0500
Figure 41. T8 and T16 Common Control Functions
((0D) 1H: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
CTR1 (0D) 1H
0 T16_OUT is 0 Initially
1 T16_OUT is 1 Initially
R/W
R
R
W
W
0 No Falling Edge Detection
1 Falling Edge Detection
0 No Effect
1 Reset Flag to 0
0 T8_OUT is 0 Initially
1 T8_OUT is 1 Initially
0 No Rising Edge Detection
1 Rising Edge Detection
0 0 Normal Operation
0 1 Ping-Pong Mode
1 0 T16_OUT = 0
1 1 T16_OUT = 1
Transmit Mode/T8/T16 Logic
0 0 Falling Edge Detection
0 1 Rising Edge Detection
1 0 Both Edge Detection
1 1 Reserved
0 P36 as Port Output *
1 P36 as T8/T16_OUT
0 Transmit Mode *
1 Demodulation Mode
0 0 No Filter
0 1 4 SCLK Cycle Filter
1 0 8 SCLK Cycle Filter
1 1 16 SCLK Cycle Filter
Demodulation Mode
Transmit Mode
Transmit Mode
R/W
Demodulation Mode
R
R
W
W
Transmit Mode
Demodulation Mode
0 0 AND
0 1 OR
1 0 NOR
1 1 NAND
Demodulation Mode
Transmit Mode
0 P31 as Demodulator Input
1 P20 as Demodulator Input
Demodulation Mode
Transmit/Demodulation Modes
0 No Effect
1 Reset Flag to 0
Note: Care must be taken in differentiating
Transmit Mode from Demodulation Mode.
Depending on which of these two modes is
operating, the CTR1 bit will have different
functions.
*Note: Changing from one mode to
another cannot be done without
disabling the counter/timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com