Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 15Page - Zilog, Inc. Z86L71 Datasheet HTML 16Page - Zilog, Inc. Z86L71 Datasheet HTML 17Page - Zilog, Inc. Z86L71 Datasheet HTML 18Page - Zilog, Inc. Z86L71 Datasheet HTML 19Page - Zilog, Inc. Z86L71 Datasheet HTML 20Page - Zilog, Inc. Z86L71 Datasheet HTML 21Page - Zilog, Inc. Z86L71 Datasheet HTML 22Page - Zilog, Inc. Z86L71 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-19
1
FUNCTIONAL DESCRIPTION
The Z8 incorporates special functions to enhance the Z8's
functionality in consumer and battery operated applica-
tions.
Reset. The device is reset in one of the following condi-
tions:
1.
Power-On Reset
2.
Watch-Dog Timer
3.
Stop-Mode Recovery Source
4.
Low Voltage Detection
Program Memory. The Z86L7X addresses up to 2K, 4K,
8 KB of internal program memory, with the remainder be-
ing external memory (Figure 13). The first 12 bytes of pro-
gram memory are reserved for the interrupt vectors. These
locations contain five 16-bit vectors that correspond to the
five available interrupts. Addresses 12 to 2K, 4K, 8K (de-
pendent on version) consist of on-chip mask-programmed
ROM.
Figure 13. Program Memory Map
11
10
9
8
7
6
5
4
3
2
1
0
Location of
First Byte of
Instruction
Executed
After RESET
Interrupt
Vector
(Lower Byte)
Interrupt
Vector
(Upper Byte)
Reserved
IRQ4
IRQ4
IRQ3
IRQ3
IRQ2
IRQ2
IRQ1
IRQ1
IRQ0
IRQ0
Reserved
On-Chip
ROM
Reset Start Address
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com