Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 44Page - Zilog, Inc. Z86L71 Datasheet HTML 45Page - Zilog, Inc. Z86L71 Datasheet HTML 46Page - Zilog, Inc. Z86L71 Datasheet HTML 47Page - Zilog, Inc. Z86L71 Datasheet HTML 48Page - Zilog, Inc. Z86L71 Datasheet HTML 49Page - Zilog, Inc. Z86L71 Datasheet HTML 50Page - Zilog, Inc. Z86L71 Datasheet HTML 51Page - Zilog, Inc. Z86L71 Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-48
P R E L I M I N A R Y
DS97LVO0500
FUNCTIONAL DESCRIPTION (Continued)
WDT Time Select (D0, D1). Selects the WDT time period.
It is configured as shown in Table 6.
WDTMR During HALT (D2). This bit determines whether
or not the WDT is active during HALT Mode. A 1 indicates
active during HALT. The default is 1.
WDTMR During STOP (D3). This bit determines whether
or not the WDT is active during STOP Mode. Since the
XTAL clock is stopped during STOP Mode, the on-board
RC has to be selected as the clock source to the
WDT/POR counter. A 1 indicates active during STOP. The
default is 1.
Clock Source for WDT (D4). This bit determines which
oscillator source is used to clock the internal POR and
WDT counter chain. If the bit is a 1, the internal RC oscil-
lator is bypassed and the POR and WDT clock source is
driven from the external pin, XTAL1. The default configu-
ration of this bit is 0, which selects the RC oscillator.
Table 6. WDT Time Select
D1
D0
Time-Out of
Internal RC OSC
Time-Out of
XTAL Clock
0
0
5 ms min
256 TpC
0
1
10 ms min
512 TpC
1
0
20 ms min
1024 TpC
1
1
80 ms min
4096 TpC
Notes:
1. TpC = XTAL clock cycle.
2. The default on reset is 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com