Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 22 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 18Page - Zilog, Inc. Z86L71 Datasheet HTML 19Page - Zilog, Inc. Z86L71 Datasheet HTML 20Page - Zilog, Inc. Z86L71 Datasheet HTML 21Page - Zilog, Inc. Z86L71 Datasheet HTML 22Page - Zilog, Inc. Z86L71 Datasheet HTML 23Page - Zilog, Inc. Z86L71 Datasheet HTML 24Page - Zilog, Inc. Z86L71 Datasheet HTML 25Page - Zilog, Inc. Z86L71 Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-22
P R E L I M I N A R Y
DS97LVO0500
RAM/Register File. The register file (group 0) consists of
four I/O port registers, 236 general purpose registers, and
16 control and status registers (R0-R3, R4-R239, and
R240-R255, respectively), plus two expanded registers
group (Banks D and F). In the 4-bit mode, the register file
is divided into 16 working register groups, each occupying
16 continuous locations. The Register Pointer addresses
the starting location of the active working register group.
Note: Registers E0-EF of Bank 0 are only accessed
through working registers and indirect addressing modes.
Stack. The Z86L7X internal register file is used for the
stack. An 8-bit Stack Pointer (R255) is used for the internal
stack that resides in the general-purpose registers (R4-
R239).
Figure 15. Register Pointer
D7 D6 D5 D4 D3 D2 D1 D0
Expanded Register Bank
File Pointer
Working Register
Pointer
R253 RP
Default Setting After
Reset = 0000 0000
Figure 16. Register Pointer
The upper nibble of the register file address
provided by the register pointer specifies
the active working-register group
r
7
r
6
r
5
r
4
R253
I/O Ports
Specified Working
Register Group
The lower nibble
of the register
file address
provided by the
instruction points
to the specified
register
r
3
r
2
r
1
r
0
Register Group 0
7F
Register Group 1
6F
5F
4F
3F
2F
1F
0F
00
10
20
30
40
50
60
70
R15 to R0
R15 to R4 *
R3 to R0 *
* RP = 00: Selects Register Group 0, Working Register 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com