Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 57 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 57 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 53Page - Zilog, Inc. Z86L71 Datasheet HTML 54Page - Zilog, Inc. Z86L71 Datasheet HTML 55Page - Zilog, Inc. Z86L71 Datasheet HTML 56Page - Zilog, Inc. Z86L71 Datasheet HTML 57Page - Zilog, Inc. Z86L71 Datasheet HTML 58Page - Zilog, Inc. Z86L71 Datasheet HTML 59Page - Zilog, Inc. Z86L71 Datasheet HTML 60Page - Zilog, Inc. Z86L71 Datasheet HTML 61Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-57
1
Z8 STANDARD CONTROL REGISTER DIAGRAMS
Figure 47. Port 3 Mode Register
(F7H: Write Only)
Figure 48. Port 0 and 1 Mode Register
(F8H: Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
R247 P3M
0 Port 2 Open Drain*
1 Port 2 Push-pull
0 P32 = Input
P35 = Output **
1 P32 = /DAV0/RDY0
P35 = RDY0//DAV0
0 P31 = Input (TIN)
P36 = Output (TOUT)
1 P31 = /DAV2/RDY2
P36 = RDY2//DAV2
0 = P31, P32 Digital Mode
1 = P31, P32 Analog Mode
00
P33 = Input
P34 = Output **
01
P33 = Input
10
P34 = /DM
P33 = /DAV1/RDY1
P34 = RDY1//DAV1
11
* Default Setting After Result
Note: D0 affects P34, P35 as well as Port 2.
Reserved (Must be 0)
D7
D6
D5
D4
D3
D2
D1
D0
R248 P01M
P00-P03 Mode
00
Output
01
Input*
1X
A11-A8
Stack Selection
0
External
1
Internal*
Reserved (Must be 0)
P07-P04 Mode
00
Output
01
Input*
1X
A15-A12
External Memory Timing
0
Normal*
1
Extended
* Default Setting After Reset.
Note: Only P00 and P07 are Available on Z86L71.
Figure 49. Port 2 Mode Register
(F8H: Write Only)
Figure 50. Interrupt Priority Register
((0) F9H: Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
P27-P20 I/O Definition
0 Defines Bit as OUTPUT
1 Defines Bit as INPUT*
R246 P2M
*Default Setting After Reset
D7 D6 D5 D4 D3 D2 D1 D0
Interrupt Group Priority
000 Reserved
001 C>A>B
010 A>B>C
011 A>C>B
100 B>C>A
101 C>B>A
110 B>A>C
111 Reserved
IRQ1,IRQ4,Priority
(Group C)
0 IRQ1>IRQ4
1 IRQ4>IRQ1
IRQ0,IRQ2
Priority (Group B)
0 IRQ2>IRQ0
1 IRQ0>IRQ2
IRQ3,IRQ5Priority
(Group A)
0 IRQ5>IRQ3
1 IRQ3>IRQ5
Reserved (Must be 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com