Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L71 Datasheet(PDF) 40 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 36Page - Zilog, Inc. Z86L71 Datasheet HTML 37Page - Zilog, Inc. Z86L71 Datasheet HTML 38Page - Zilog, Inc. Z86L71 Datasheet HTML 39Page - Zilog, Inc. Z86L71 Datasheet HTML 40Page - Zilog, Inc. Z86L71 Datasheet HTML 41Page - Zilog, Inc. Z86L71 Datasheet HTML 42Page - Zilog, Inc. Z86L71 Datasheet HTML 43Page - Zilog, Inc. Z86L71 Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-40
P R E L I M I N A R Y
DS97LVO0500
FUNCTIONAL DESCRIPTION (Continued)
When more than one interrupt is pending, priorities are re-
solved by a programmable priority encoder controlled by
the Interrupt Priority register. An interrupt machine cycle is
activated when an interrupt request is granted. This dis-
ables all subsequent interrupts, saves the Program
Counter and Status Flags, and then branches to the pro-
gram memory vector location reserved for that interrupt.
All Z86L7X interrupts are vectored through locations in the
program memory. This memory location and the next byte
contain the 16-bit address of the interrupt service routine
for that particular interrupt request. To accommodate
polled interrupt systems, interrupt inputs are masked and
the Interrupt Request register is polled to determine which
of the interrupt requests need service.
An interrupt resulting from AN1 (P31) is mapped into IRQ2,
and an interrupt from AN2 (P32) is mapped into IRQ0. In-
terrupts IRQ2 and IRQ0 may be rising, falling, or both edge
triggered, and are programmable by the user. The soft-
ware can poll to identify the state of the pin.
Programming bits for the Interrupt Edge Select are located
in the IRQ Register (R250), bits D7 and D6 . The configu-
ration is shown in Table 4.
Clock. The Z86L7X on-chip oscillator has a high-gain, par-
allel-resonant amplifier for connection to a crystal, LC, ce-
ramic resonator, or any suitable external clock source
(XTAL1 = Input, XTAL2 = Output). The crystal should be
AT cut, 1 MHz to 8 MHz maximum, with a series resistance
(RS) less than or equal to 100 Ohms. The Z86L7X on-chip
oscillator may be driven with a cost-effective RC network
or other suitable external clock source.
The crystal should be connected across XTAL1 and
XTAL2 using the recommended capacitors (capacitance
greater than or equal to 22 pF) from each pin to ground.
The RC oscillator configuration is an external resistor con-
nected from XTAL1 to XTAL2, with a frequency-setting ca-
pacitor from XTAL1 to ground (Figure 8).
Table 3. Interrupt Types, Sources, and Vectors
Name
Source
Vector
Location
Comments
IRQ0
/DAV0, IRQ0
0, 1
External (P32),
Rising Falling Edge
Triggered
IRQ1,
IRQ1
2, 3
External (P33),
Falling Edge
Triggered
IRQ2
/DAV2, IRQ2,
TIN
4, 5
External (P31),
Rising Falling Edge
Triggered
IRQ3
T16
6, 7
Internal
IRQ4
T8
8, 9
Internal
Table 4. IRQ Register
IRQ
Interrupt Edge
D7
D6
IRQ2 (P31)
IRQ0 (P32)
00
F
F
01
F
R
10
R
F
1
1
R/F
R/F
Notes:
F = Falling Edge
R = Rising Edge
In analog mode, the Stop-Mode Recovery sources selected by
the SMR register are connected to the IRQ1 input. Any of the
Stop-Mode Recovery sources for SMR (except P31, P32, and
P33) can be used to generate IRQ1 (falling edge triggered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com