Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C71 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C71 Datasheet HTML 9Page - Zilog, Inc. Z86C71 Datasheet HTML 10Page - Zilog, Inc. Z86C71 Datasheet HTML 11Page - Zilog, Inc. Z86C71 Datasheet HTML 12Page - Zilog, Inc. Z86C71 Datasheet HTML 13Page - Zilog, Inc. Z86C71 Datasheet HTML 14Page - Zilog, Inc. Z86C71 Datasheet HTML 15Page - Zilog, Inc. Z86C71 Datasheet HTML 16Page - Zilog, Inc. Z86C71 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-13
1
AC CHARACTERISTICS
Additional Timing Table
TA = 0°C to +70°C
8.0 MHz
No
Symbol
Parameter
VCC
Min
Max
Units
Notes
1
TpC
Input Clock Period
2.0V
3.9V
121
121
DC
DC
ns
ns
1
1
2
TrC, TfC
Clock Input Rise and
Fall Times
2.0V
3.9V
25
25
ns
ns
1
1
3
TwC
Input Clock Width
2.0V
3.9V
37
37
ns
ns
1
1
4
TwTinL
Timer Input Low
Width
2.0V
3.9V
100
70
ns
ns
1
1
5
TwTinH
Timer Input High
Width
2.0V
3.9V
3TpC
3TpC
1
1
6
TpTin
Timer Input Period
2.0V
3.9V
8TpC
8TpC
1
1
7
TrTin, TfTin
Timer Input Rise
2.0V
3.9V
100
100
ns
ns
1
1
8A
TwIL
Interrupt Request
Low Time
2.0V
3.9V
100
70
ns
ns
1,2
1,2
8B
TwIL
Int. Request Low
Time
4.5V
5.5V
5TpC
5TpC
1,3
1,3
9
TwIH
Interrupt Request
Input High Time
4.5V
5.5V
5TpC
5TpC
1,2
1,2
10
Twsm
Stop-Mode
Recovery Width
Spec
2.0V
3.9V
2.0V
12
12
5TpC
5TpC
ns
ns
8
8
7
7
11
Tost
Oscillator Start-up
Time
2.0V
3.9V
5TpC
5TpC
4
4
12
Twdt
Watch-Dog Timer
Delay Time
(5 ms)
2.0V
3.9V
12
5
75
20
ms
ms
D0=0, 5
D1=0, 5
10 ms
2.0V
3.9V
20
10
150
40
ms
ms
D0=1, 5
D1=0, 5
20 ms
2.0V
3.9V
50
20
300
80
ms
ms
D0=1, 5
D1=0, 5
80 ms
2.0V
3.9V
225
80
1200
320
ms
ms
D0=1, 5
D1=0, 5
Notes:
1. Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
2. Interrupt request through Port 3 (P33-P31).
3. Interrupt request through Port 3 (P30).
4. SMR - D5 = 0
5. Reg. WDTMR
6. Reg. SMR - D5 = 0
7. Reg. SMR - D5 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com