Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C71 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z86C71 Datasheet HTML 45Page - Zilog, Inc. Z86C71 Datasheet HTML 46Page - Zilog, Inc. Z86C71 Datasheet HTML 47Page - Zilog, Inc. Z86C71 Datasheet HTML 48Page - Zilog, Inc. Z86C71 Datasheet HTML 49Page - Zilog, Inc. Z86C71 Datasheet HTML 50Page - Zilog, Inc. Z86C71 Datasheet HTML 51Page - Zilog, Inc. Z86C71 Datasheet HTML 52Page - Zilog, Inc. Z86C71 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-49
1
Figure 38. Resets and WDT
CLK
18 Clock RESET
Generator
RESET
* /CLR 2
WDT TAP SELECT
INTERNAL
RC
OSC.
CLK
*/CLR1
POR
WDT1
23
4
Low Operating
Voltage Det.
Internal
RESET
Active
High
CK Source
Select
(WDTMR)
XTAL
VDD
VBO/VLV
2V REF.
From Stop
Mode
Recovery
Source
WDT
Stop Delay
Select (SMR)
12 ns Glitch Filter
+
-
5 Clock
Filter
WDT/POR Counter Chain
M
U
X
/RESET
* /CLR1 and /CLR2 enable the WDT/POR and
18 Clock Reset timers upon a Low to High input transition.
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com