Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENP7000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ENP7000
Description  specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENP7000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ENP7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Enhance Electronics Co.,LTD
_________________________________________________________________________________
Product Specification
2.3 Output Ripple
2.3.1 Ripple regulation
Parameter
Ripple&Noise
Unit
+3.3V
50
mVp-p
+5V
50
mVp-p
+12V1
120
mVp-p
+12V2
120
mVp-p
-12V
120
mVp-p
+5VSb
50
mVp-p
2.3.2 Definition
The ripple voltage of the outputs shall be measured at the pins of the output connector
when terminated in the load impedance specified in figure1.Ripple and noise are measured
at the connectors with a 0.1uF ceramic capacitor and a 10uF electrolytic capacitor to
simulate system loading. Ripple shall be measured under any condition of line voltage,
output load, line frequency, operation temperature.
2.3.3 Ripple voltage test circuit
AC H ot
AC N eu tra l
Power Supply
V ou t
V return
10uF
0.1uF
L oad
AC Grou nd
Figure 1. Ripple voltage test circuit
2.4 Overshoot
Any overshoot at turn on or turn off shall be less 10% of the nominal
voltage value, all outputs shall be within the regulation limit of section
2.0 before issuing the power good signal of section 5.0.
AC H ot
AC N eu tra l
Power Supply
V ou t
V return
10uF
0.1uF
L oad
Scope
AC Grou nd
AUDIT:________李 復 新 _______CHECK:______________DESIGN:___
ENP7000 80Plus S SPEC REV: 4 0
4 OF 10
2009/2/9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com