Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENP7000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ENP7000
Description  specification describes the requirements of 200,220,250,275Watts with full range voltage,275W with 230Vac only voltage switching power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENP7000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ENP7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers ENP7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Enhance Electronics Co.,LTD
_________________________________________________________________________________
Product Specification
5. ENVIRONMENT
5.1 Operation
Temperature
0 to 40
oC
Relative Humidity
to 85%,on-condensing
5.2 Shipping and Storage
Temperature
-40 to 70
oC
Relative Humidity
to 95%,non-condensing
5.3 Altitude
Operating
10,000FT max.
Storage
50,000FT max.
6. SAFETY
6.1 Underwriters Laboratory (UL) recognition.
The power supply designed to meet UL 1950.
6.2 The power supply must bear the German Bauart Mark from TUV .
7. ELECTROMAGNETIC COMPATIBILITY (EMC)
7.1 IEC 61000-4-2 ESD LEVEL X20KV4.
7.2 IEC 61000-4-3 radiated electrical field requirement.
7.3 IEC 61000-4-4 BURST.
7.4 IEC 61000-4-5 surge Voltages.
7 5 EN 61000 3 2 harmonic current emissions
7.5 EN 61000-3-2 harmonic current emissions.
If applicable to sales in Japan or Europe, the power supply shall meet the requirements of
EN 61000-3-2 class D and the guidelines for the suppression of harmonics in appliances
and general use equipment class D for harmonic line current content at full-rated power.
7.6 EN55022 class B radio interference (CISPR 22)
7.7 FCC part 15, subpart J class B 115VAC operation.
8. MTBF
8.1 MTBF (mean time between failures) calculation
The demonstrated MTBF shall be 100,000 hours of continuous operation at 25
oC,
75% of full load and 120V AC input.The MTBF of the power supply shall
be calculated in accordance with MIL-HDBK-217F. The DC FAN is not included.
AUDIT:________李 復 新 _______CHECK:______________DESIGN:___
ENP7000 80Plus S SPEC REV: 4 0
7 OF 10
2009/2/9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com