Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC203C Datasheet(PDF) 2 Page - ON Semiconductor

Part # SVC203C
Description  Varactor Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC203C Datasheet(HTML) 2 Page - ON Semiconductor

  SVC203C Datasheet HTML 1Page - ON Semiconductor SVC203C Datasheet HTML 2Page - ON Semiconductor SVC203C Datasheet HTML 3Page - ON Semiconductor SVC203C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SVC203C
www.onsemi.com
2
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Breakdown Voltage
V(BR)R
IR=10µA
16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance*
C1.0V
VR=1.0V, f=1MHz
58.80
65.98
pF
C6.0V
VR=6.0V, f=1MHz
18.72
25.11
pF
C9.0V
VR=9.0V, f=1MHz
10.84
13.40
pF
Quality Factor
Q
VR=3.0V, f=100MHz
60
Capacitance Ratio
CR
C1.0V / C9.0V
4.6
Matching Tolerance
∆Cm
VR=1.0V
(Cmax -- Cmin)
Cmin
× 100
6.5
%
VR=6.0V
5.5
%
VR=9.0V
11.8
%
* Capacitance value of one diode
Address and Capacitance Value (Reference Value)
C1.0V
C6.0V
C9.0V
Address
Capacitance (pF)
Address
Capacitance (pF)
Address
Capacitance (pF)
11
59.10
62.92
61
18.91
19.95
91
10.89
12.17
12
61.97
65.65
62
19.76
20.85
92
11.93
13.33
63
20.64
21.79
64
21.57
22.77
65
22.55
23.80
66
23.56
24.87
ORDERING INFORMATION
Device
Package
Shipping
memo
SVC203C-TB-E
CP
3,000pcs./reel
Pb-Free
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com