Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC203C Datasheet(PDF) 3 Page - ON Semiconductor

Part # SVC203C
Description  Varactor Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC203C Datasheet(HTML) 3 Page - ON Semiconductor

  SVC203C Datasheet HTML 1Page - ON Semiconductor SVC203C Datasheet HTML 2Page - ON Semiconductor SVC203C Datasheet HTML 3Page - ON Semiconductor SVC203C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SVC203C
www.onsemi.com
3
C, Q -- VR
Reverse Voltage, VR -- V
01
23
4
567
89
10
11
10
2
3
5
7
100
2
3
5
ID00114
Q (f=100MHz)
Q (f=180MHz)
C (f=1MHz)
[One
diode]
C -- Ta
IT00115
Ambient Temperature, Ta -- °C
--30
--20
--10
01020304050607080
1.03
1.02
1.01
1.00
0.99
0.98
0.95
0.96
0.97
f=1MHz
VRF=20mVrms
6V
3V 4V
VR=8V
6V
8V
4V
VR=3V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com