Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SVTQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6040SVTQ
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SVTQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6040SVTQ Datasheet HTML 1Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 2Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 3Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 4Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 5Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 6Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 7Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMN6040SVTQ
Document number: DS38508 Rev. 1 - 2
2 of 8
www.diodes.com
December 2015
© Diodes Incorporated
DMN6040SVTQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.0
4.0
A
t<10s
TA = +25°C
TA = +70°C
ID
6.3
5.0
A
Continuous Drain Current (Note 7) VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
ID
4.3
3.4
A
t<10s
TA = +25°C
TA = +70°C
ID
5.4
4.3
A
Maximum Body Diode Forward Current (Note 7)
IS
2.1
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
30
A
Avalanche Current (Note 8) L = 0.1mH
IAR
14.2
A
Avalanche Energy (Note 8) L = 0.1mH
EAR
10
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.2
W
TA = +70°C
0.75
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
106
°C/W
t<10s
69
°C/W
Total Power Dissipation (Note 7)
TA = +25°C
PD
1.8
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
68
°C/W
t<10s
44
°C/W
Thermal Resistance, Junction to Case (Note 7)
RθJC
20
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
8. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = +25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com