Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SVTQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN6040SVTQ
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SVTQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN6040SVTQ Datasheet HTML 1Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 2Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 3Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 4Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 5Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 6Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 7Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMN6040SVTQ
Document number: DS38508 Rev. 1 - 2
3 of 8
www.diodes.com
December 2015
© Diodes Incorporated
DMN6040SVTQ
0
20
40
60
80
100
t1, PULSE DURATION TIME (sec)
Fig. 1 Single Pulse Maximum Power Dissipation
0.001 0.01
0.1
1
10
100
1,000
0.0001
Single Pulse
R
= 72 C/W
R
= r
* R
T - T = P * R

JA
JA(t)
(t)
JA
J
A
JA(t)
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 2 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Fig. 3 Transient Thermal Resistance
0.001
0.01
0.1
1
R
= r
* R
JA(t)
(t)
JA
JA
R
= 72 C/W
Duty Cycle, D = t1/t2
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com