Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32EBPN Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 80C32EBPN
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBPN Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 80C32EBPN Datasheet HTML 9Page - NXP Semiconductors 80C32EBPN Datasheet HTML 10Page - NXP Semiconductors 80C32EBPN Datasheet HTML 11Page - NXP Semiconductors 80C32EBPN Datasheet HTML 12Page - NXP Semiconductors 80C32EBPN Datasheet HTML 13Page - NXP Semiconductors 80C32EBPN Datasheet HTML 14Page - NXP Semiconductors 80C32EBPN Datasheet HTML 15Page - NXP Semiconductors 80C32EBPN Datasheet HTML 16Page - NXP Semiconductors 80C32EBPN Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
13
Electrical Deviations from Commercial Specifications for Extended Temperature Range (87C52)
DC and AC parameters not included here are the same as in the commercial temperature range table.
DC ELECTRICAL CHARACTERISTICS
Tamb = –40°C to +85°C, VCC = 5V ±10%, VSS = 0V
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VIL
Input low voltage, except EA
–0.5
0.2VCC–0.15
V
VIL1
Input low voltage to EA
0
0.2VCC–0.35
V
VIH
Input high voltage, except XTAL1, RST
0.2VCC+1
VCC+0.5
V
VIH1
Input high voltage to XTAL1, RST
0.7VCC+0.1
VCC+0.5
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.45V
–75
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3
VIN = 2.0V
–750
µA
ICC
Power supply current:
Active mode
Idle mode
Power-down mode
VCC = 4.5–5.5V,
Frequency range =
3.5 to 16MHz
32
5
50
mA
mA
µA
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Operating temperature under bias
0 to +70 or –40 to +85
°C
Storage temperature range
–65 to +150
°C
Voltage on EA/VPP pin to VSS
0 to +13.0
V
Voltage on any other pin to VSS
–0.5 to +6.5
V
Maximum IOL per I/O pin
15
mA
Power dissipation (based on package heat transfer limitations, not
device power consumption)
1.5
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com