Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32EBPN Datasheet(PDF) 39 Page - NXP Semiconductors

Part # 80C32EBPN
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBPN Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button 80C32EBPN Datasheet HTML 35Page - NXP Semiconductors 80C32EBPN Datasheet HTML 36Page - NXP Semiconductors 80C32EBPN Datasheet HTML 37Page - NXP Semiconductors 80C32EBPN Datasheet HTML 38Page - NXP Semiconductors 80C32EBPN Datasheet HTML 39Page - NXP Semiconductors 80C32EBPN Datasheet HTML 40Page - NXP Semiconductors 80C32EBPN Datasheet HTML 41Page - NXP Semiconductors 80C32EBPN Datasheet HTML 42Page - NXP Semiconductors 80C32EBPN Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
9
Table 2. Timer 2 Operating Modes
RCLK + TCLK
CP/RL2
TR2
MODE
0
0
1
16-bit Auto-reload
0
1
1
16-bit Capture
1
X
1
Baud rate generator
X
X
0
(off)
OSC
÷ 12
C/T2 = 0
C/T2 = 1
TR2
Control
TL2
(8-bits)
TH2
(8-bits)
TF2
RCAP2L
RCAP2H
EXEN2
Control
EXF2
Timer 2
Interrupt
T2EX Pin
Transition
Detector
T2 Pin
Capture
SU00066
Figure 2. Timer 2 in Capture Mode
Not Bit Addressable
Symbol
Function
—
Not implemented, reserved for future use.*
T2OE
Timer 2 Output Enable bit. See details in Programmable Clock-Out.
DCEN
Down Count Enable bit. When set, this allows Timer 2 to be configured as an up/down counter.
—
—
—
—
—
—
T2OE
DCEN
SU00746
76
54
32
1
0
*
User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features.
In that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
Bit
T2MOD
Address = 0C9H
Reset Value = XXXX XX00B
Figure 3. Timer 2 Mode (T2MOD) Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com