Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32EBAA Datasheet(PDF) 50 Page - NXP Semiconductors

Part # 80C32EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBAA Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button 80C32EBAA Datasheet HTML 46Page - NXP Semiconductors 80C32EBAA Datasheet HTML 47Page - NXP Semiconductors 80C32EBAA Datasheet HTML 48Page - NXP Semiconductors 80C32EBAA Datasheet HTML 49Page - NXP Semiconductors 80C32EBAA Datasheet HTML 50Page - NXP Semiconductors 80C32EBAA Datasheet HTML 51Page - NXP Semiconductors 80C32EBAA Datasheet HTML 52Page - NXP Semiconductors 80C32EBAA Datasheet HTML 53Page - NXP Semiconductors 80C32EBAA Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
20
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V1, 2, 3
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
13
Oscillator frequency
Speed versions : E
3.5
16
MHz
tLHLL
13
ALE pulse width
85
2tCLCL–40
ns
tAVLL
13
Address valid to ALE low
22
tCLCL–40
ns
tLLAX
13
Address hold after ALE low
32
tCLCL–30
ns
tLLIV
13
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
13
ALE low to PSEN low
32
tCLCL–30
ns
tPLPH
13
PSEN pulse width
142
3tCLCL–45
ns
tPLIV
13
PSEN low to valid instruction in4
82
3tCLCL–105
ns
tPXIX
13
Input instruction hold after PSEN
0
0
ns
tPXIZ
13
Input instruction float after PSEN
37
tCLCL–25
ns
tAVIV
13
Address to valid instruction in4
207
5tCLCL–105
ns
tPLAZ
13
PSEN low to address float
10
10
ns
Data Memory
tRLRH
14, 15
RD pulse width
275
6tCLCL–100
ns
tWLWH
14, 15
WR pulse width
275
6tCLCL–100
ns
tRLDV
14, 15
RD low to valid data in
147
5tCLCL–165
ns
tRHDX
14, 15
Data hold after RD
0
0
ns
tRHDZ
14, 15
Data float after RD
65
2tCLCL–60
ns
tLLDV
14, 15
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
14, 15
Address to valid data in
397
9tCLCL–165
ns
tLLWL
14, 15
ALE low to RD or WR low
137
239
3tCLCL–50
3tCLCL+50
ns
tAVWL
14, 15
Address valid to WR low or RD low
122
4tCLCL–130
ns
tQVWX
14, 15
Data valid to WR transition
13
tCLCL–50
ns
tWHQX
14, 15
Data hold after WR
13
tCLCL–50
ns
tQVWH
15
Data valid to WR high
287
7tCLCL–150
ns
tRLAZ
14, 15
RD low to address float
0
0
ns
tWHLH
14, 15
RD or WR high to ALE high
23
103
tCLCL–40
tCLCL+40
ns
External Clock
tCHCX
17
High time
20
20
tCLCL–tCLCX
ns
tCLCX
17
Low time
20
20
tCLCL–tCHCX
ns
tCLCH
17
Rise time
20
20
ns
tCHCL
17
Fall time
20
20
ns
Shift Register
tXLXL
16
Serial port clock cycle time
750
12tCLCL
ns
tQVXH
16
Output data setup to clock rising edge
492
10tCLCL–133
ns
tXHQX
16
Output data hold after clock rising edge
8
2tCLCL–117
ns
tXHDX
16
Input data hold after clock rising edge
0
0
ns
tXHDV
16
Clock rising edge to input data valid
492
10tCLCL–133
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the 80C52/54/58 to devices with float times up to 45ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.
4. See application note AN457 for external memory interfacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com