Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32EBAA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 80C32EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C32EBAA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 80C32EBAA Datasheet HTML 6Page - NXP Semiconductors 80C32EBAA Datasheet HTML 7Page - NXP Semiconductors 80C32EBAA Datasheet HTML 8Page - NXP Semiconductors 80C32EBAA Datasheet HTML 9Page - NXP Semiconductors 80C32EBAA Datasheet HTML 10Page - NXP Semiconductors 80C32EBAA Datasheet HTML 11Page - NXP Semiconductors 80C32EBAA Datasheet HTML 12Page - NXP Semiconductors 80C32EBAA Datasheet HTML 13Page - NXP Semiconductors 80C32EBAA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
10
OSC
÷ 2
C/T2 = 0
C/T2 = 1
TR2
Control
TL2
(8-bits)
TH2
(8-bits)
÷ 16
RCAP2L
RCAP2H
EXEN2
Control
EXF2
Timer 2
Interrupt
T2EX Pin
Transition
Detector
T2 Pin
Reload
NOTE: OSC. Freq. is divided by 2, not 12.
÷ 2
“0”
“1”
RX Clock
÷ 16
TX Clock
“0”
“1”
“0”
“1”
Timer 1
Overflow
Note availability of additional external interrupt.
SMOD
RCLK
TCLK
SU00068
Figure 4. Timer 2 in Baud Rate Generator Mode
Table 2.
Timer 2 Operating Modes
RCLK + TCLK
CP/RL2
TR2
MODE
0
0
1
16-bit Auto-reload
0
1
1
16-bit Capture
1
X
1
Baud rate generator
X
X
0
(off)
Timer 2 as a baud rate generator is shown in Figure 4. This figure is
valid only if RCLK + TCLK = 1 in T2CON. Note that a rollover in TH2
does not set TF2, and will not generate an interrupt. Therefore, the
Timer 2 interrupt does not have to be disabled when Timer 2 is in
the baud rate generator mode. Note too, that if EXEN2 is set, a
1-to-0 transition in T2EX will set EXF2 but will not cause a reload
from (RCAP2H, RCAP2L) to (TH2, TL2). Thus when Timer 2 is in
use as a baud rate generator, T2EX can be used as an extra
external interrupt, if desired.
It should be noted that when Timer 2 is running (TR2 = 1) in “timer”
function in the baud rate generator mode, one should not try to read
or write TH2 or TL2. Under these conditions the timer is being
incremented every state time, and the results of a read or write may
not be accurate. The RCAP registers may be read, but should not
be written to, because a write might overlap a reload and cause
write and/or reload errors. Turn the timer off (clear TR2) before
accessing the Timer 2 or RCAP registers, in this case.
Timer/Counter 2 Set-up
Except for the baud rate generator mode, the values given for
T2CON do not include the setting of the TR2 bit. Therefore, bit TR2
must be set, separately, to turn the timer on. See Table 3 for set-up
of timer 2 as a timer. See Table 4 for set-up of timer 2 as a counter.
Using Timer/Counter 2 to Generate Baud Rates
For this purpose, Timer 2 must be used in the baud rate generating
mode. If Timer 2 is being clocked through pin T2 (P1.0) the baud
rate is:
Baud Rate
+ Timer 2 Overflow Rate
16
And if it is being clocked internally, the baud rate is:
Baud Rate
+
Oscillator Frequency
32
[65536
* (RCAP2H, RCAP2L)]
To obtain the reload value for RCAP2H and RCA02L, the above
equation can be rewritten as:
RCAP2H, RCAP2L
+ 65536 *
Oscillator Frequency
32
Baud Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com