Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4007SPD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH4007SPD
Description  40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH4007SPD Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMTH4007SPD
Document number: DS37359 Rev. 3 - 2
3 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4007SPD
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
V
= 3.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 5.0V
GS
V
= 10V
GS
V
= 6.0V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
1
2
3
4
5
6
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
I , DRAIN SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 10V
GS
0
5
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
18
20
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
I
= 17A
D
0.003
0.005
0.007
0.009
0.011
0.013
0.015
0
5
10
15
20
25
30
I , DRAIN SOURCE CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
V
= 10V
GS
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
T = 175 C
A
T = -55 C
A
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100 125 150 175
V
=
V
I = 20A
GS
D
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com