Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4007SPD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH4007SPD
Description  40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH4007SPD Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH4007SPD
Document number: DS37359 Rev. 3 - 2
4 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4007SPD
0
0.005
0.01
0.015
0.02
-50
-25
0
25
50
75
100
125 150 175
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= 10V
GS
I = 15A
D
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100 125 150 175
I = 1mA
D
I = 250µA
D
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 175 C
A
T = 150 C
A
T = 125 C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
Ciss
C
oss
Crss
10
100
1000
10000
0
5
10
15
20
25
30
35
40
f = 1MHz
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
V
= 30V
I =
A
DS
D
20
0.1
1
10
100
0.1
1
10
100
RDS(on)
Limited
T
= 175°C
J (m ax )
T
= 25°C
C
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10µs
W
P
= 1µs
W
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com