Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16S0 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4LC4M16S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M16S0 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4LC4M16S0 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
®
6
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
Recommended operating conditions
† V
IL min = –1.5V for pulse widths less than 5 ns.
‡ I
OH = –2mA, and IOL = 2mA.
Recommended operating conditions apply throughout this document unless otherwise specified.
Absolute maximum ratings
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specificati on is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Capacitance
Notes
1
This parameter is sampled. VCC = VCCQ = 3.3V; f = 1MHz; TA = 23° C; pin under test biased at 1.4V.
2
Max value is specified for –10, –10F, and –8.
3
For –75 part, Max = 3.5 pF.
4
For –75 part, Max = 3.8 pF.
5
For –75 part, Max = 6.0 pF.
Parameter
Symbol
Min
Max
Unit
Supply voltage
VCC,VCCQ
3.0
3.6
V
GND
0.0
0.0
V
Input voltage
VIH
2.0
VCC + 0.3
V
VIL
–0.3†
0.8
V
Output voltage‡
VOH
2.4
–
V
VOL
–0.4
V
Input leakage current
Any input 0V
≤ V
IN ≤ VCC
IL
–5
+5
uA
Output leakage current
DQs are disabled
0V
≤ V
OUT ≤ VCCQ
IOZ
–5
+5
uA
Ambient operating temperature
TA
070
°C
Parameter
Symbol
Min
Max
Unit
Input voltage
VIN,VOUT
–1.0
+4.6
V
Power supply voltage
VCC,VCCQ
–1.0
+4.6
V
Storage temperature (plastic)
TSTG
–55
+150
°C
Power dissipation
PD
–1
W
Short circuit output current
IOUT
–50
mA
Parameter
Symbol
Min
Max
Unit
Notes
Input capacitance: CLK
Ci1
2.5
4
pF
1, 2, 3
Input capacitance: All other input-only
pins
Ci2
2.5
5
pF
1, 2, 4
Input/output capacitance
CI/O
4.0
6.5
pF
1, 2, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com