Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16S0 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4LC4M16S0
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M16S0 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4LC4M16S0 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC4M16S0 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
®
8
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
AC parameters common to all waveforms
Sym
Parameter
CAS
latency
-75
-8
-10F
-10
Unit Notes
Min Max
Min
Max
Min
Max
Min
Max
tRRD Row active to row active delay
15
–
20
–
20
–
20
–
ns
1
tRCD RAS to CAS delay time
20
–
20
–
20
–
30
–
ns
1
tRP Row precharge
20
–
20
–
20
–
30
–
ns
1
tRAS Row active
44
–
50
–
50
–
60
–
ns
1
tRC Row cycle time
66
–
70
–
70
–
90
–
ns
1
tCDL
Last data in to new column
address delay
1
–
1
–
1–1–
CLK
2
tRDL Last data in to row precharge
2
–
2
–
2
–
2
–
CLK
2
tBDL Last data in to burst stop
1
–
1
–
1
–
1
–
CLK
2
tCCD
Column address to column
address delay
1
–
1
–
1–1–
CLK
3
tCK CLK cycle time
37.5
–
8
–
10
–
10
–
ns
4
210
–
10
–
15
–
15
–
4
tAC CLK to valid output delay @ 50pF
35.4
–
6
–
6
–
6
–
ns
4,5,7
26
–
6
–
6
–
6
–
4,5,7
tOH Output data hold time @ 50 pF
32.7
–
3
–
3
–
3
–
ns
4,5,7
23
–
3
–
3
–
3
–
4,5,7
tCH CLK high pulse width
2.5
–
3
–
3
–
3
–
ns
6
tCL CLK low pulse width
2.5
–
3
–
3
–
3
–
ns
6
tAS Add setup time
1.5
–
2
–
2
–
2
–
ns
6
tAH Add hold time
0.8
–
1
–
1
–
1
–
ns
6
tSLZ CLK to output in low Z
1
–
1
–
1
–
1
–
ns
5
tSHZ CLK to output in high Z
3–
6
–
7
–
7
–
7
ns
2–
6
–
7
–
7
–
7
tCKH CKE hold time
0.8
–
1
–
1–1–
ns
tCKS CKE setup time
1.5
–
2
–
2
–
2
–
ns
tCMH
CS, RAS, CAS, WE, DQM hold
time
0.8
–
1
–
1–1–
ns
tCMS
CS, RAS, CAS, WE, DQM setup
time
1.5
–
2
–
2–2–
ns
tDH Data in hold time
0.8
–
1
–
1
–
1
–
ns
tDS Data in setup time
1.5
–
2
–
2
–
2
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com