Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140A Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 9Page - ASIX Electronics Corporation AX88140A Datasheet HTML 10Page - ASIX Electronics Corporation AX88140A Datasheet HTML 11Page - ASIX Electronics Corporation AX88140A Datasheet HTML 12Page - ASIX Electronics Corporation AX88140A Datasheet HTML 13Page - ASIX Electronics Corporation AX88140A Datasheet HTML 14Page - ASIX Electronics Corporation AX88140A Datasheet HTML 15Page - ASIX Electronics Corporation AX88140A Datasheet HTML 16Page - ASIX Electronics Corporation AX88140A Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
13
IRDY# to indicate that it is ready to accept data.
PAR
I/O
53
47
Parity is an even parity bit for the AD<31:0> AD and CBE#<3:0>.
During address and data phases, parity is calculated on all the
AD<31:0> AND CBE#<3:0>lines whether or not any of these
lines carry meaningful information.
PCI_CLK
I
7
5
The clock provides the timing for the AX88140A related PCI bus
transactions. All the bus signals are sampled on the rising edge of
PCI_CLK. The clock frequency range is between 21MHZ and
33MHZ.
PERR#
I/O
51
45
Parity error asserts when a data parity error is detected. When the
AX88140A is the bus master it monitor PERR# to see if the target
report a data parity error., when the AX88140A is the bus target
and a parity error is detected, the AX88140A asserts PERR#. This
pin must be pulled up by an external resistor.
REQ#
O
10
8
Bus request is asserted by the AX88140A to indicate to the bus
arbiter that it wants to use the bus.
RST#
I
4
2
Resets the AX88140A to its initial state. This signal must be
asserted for at least 10 active PCI clock cycles. When is the reset
state, all PCI output pins are put into tri-state and all PCI o/d
signals are floated.
SERR#
I/O
52
46
System Error is used by AX88140A to report address parity Error.
This pin must be pulled up by an external resistor.
STOP#
I/O
49
43
Stop indicator indicates that the current target is requesting the bus
master to stop the current transaction. The AX88140A responds to
the assertion of STOP# when it is the bus master, and stop the
current transaction.
TRDY#
I/O
47
41
Target ready indicates the target ability to complete the current data
phase of the transaction.
A data phase is completed on any clock when both TRDY# and
IRDY# are asserted. Wait cycles are inserted until both IRDY#
and TRDY# are asserted together. When the AX88140A is the bus
master, target ready is asserted by the bus slave on the read
operation, indicating that valid data is present on the ad lines.
During a write cycle, it indicates that the target is prepared to
accept data.
Tab - 1 PCI interface group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com