Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88140A Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 17Page - ASIX Electronics Corporation AX88140A Datasheet HTML 18Page - ASIX Electronics Corporation AX88140A Datasheet HTML 19Page - ASIX Electronics Corporation AX88140A Datasheet HTML 20Page - ASIX Electronics Corporation AX88140A Datasheet HTML 21Page - ASIX Electronics Corporation AX88140A Datasheet HTML 22Page - ASIX Electronics Corporation AX88140A Datasheet HTML 23Page - ASIX Electronics Corporation AX88140A Datasheet HTML 24Page - ASIX Electronics Corporation AX88140A Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
21
4.2 Host REGs
4.2.1 Bus Mode Register (REG0)
FIELD
R/W/C
DESCRIPTION
31:22
-
RESERVED
21
R/W
RML - Read Multiple
When set, the AX88140A supports the memory-read-multiple command on the PCI bus. This bus
command is used in memory read bursts with more than one longword. When reset, the AX88140A
uses memory-read command in all its memory read accesses on the PCI bus.
20
R/W
DBO - Descriptor Byte Ordering Mode
When set, the AX88140A operates in big edian ordering mode for descriptors only.
When reset, the AX88140A operates in little endian mode.
19:14
-
Reserved.--Written as “0” for future compatibility concern.
13:8
R/W
PBL - Programmable Burst Length
Indicates the maximum number of longwords to be transfered in one DMA transaction. If reset, the
ax88140a burst is limited only by the amount of data stored in the receive FIFO (at least 16 longword),
or by the amount of free space in the transmit FIFO (at least 16 longword) before issuing a bus request.
The PBL can be programmed with permissible values 0,1,2,4,8,16, or 32. After reset, the PBL default
value is 0.
7
R/W
BLE - Big/Little Endian
When set, the AX88140A operates in big endian byte ordering mode. When reset, the AX88140A
operates in little endian byte ordering mode. Big endian is applicable only for data buffer
6:2
-
RESERVED
1
R/W
BAR - Bus Arbitration
Selects the internal bus arbitration between the receive and transmit processes.
When set, a round robin arbitration scheme is applied resulting in equal sharing between processes.
When reset, the receive process has priority over the transmit process, unless the ax88140a is currently
transmitting.
0
R/W
SWR - Software Reset
When set, the AX88140A resets all internal hardware with the exception of the configuration area and
also, it does not change the port select setting (REG6<18>).
Software reset does not affect the configuration area.
Tab - 15 REG0 Bus Mode Register Description
4.2.2 Transmit Poll Demand (REG1)
FIELD
R/W
DESCRIPTION
31:0
W
TPD - Transmit Poll Demand
When written with any value, the AX88140A checks for frames to be transmitted. If no descriptor is
available, the transmit process returns to the suspended states and REG5<2> is asserted. If the descriptor
is available the transmit process resumes.
Tab - 16 REG1 Transmit Poll Demand Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com