Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS321IDBVR
Description  Low-Power Single Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TS321IDBVR Datasheet HTML 1Page - Texas Instruments TS321IDBVR Datasheet HTML 2Page - Texas Instruments TS321IDBVR Datasheet HTML 3Page - Texas Instruments TS321IDBVR Datasheet HTML 4Page - Texas Instruments TS321IDBVR Datasheet HTML 5Page - Texas Instruments TS321IDBVR Datasheet HTML 6Page - Texas Instruments TS321IDBVR Datasheet HTML 7Page - Texas Instruments TS321IDBVR Datasheet HTML 8Page - Texas Instruments TS321IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
2
3
6
7
8
4
5
OUT
V
CC+
IN–
IN+
V
CC–
NC
NC
NC
1
2
5
OUT
V
CC+
3
4
IN+
IN–
V
CC–
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS321
SLOS489C – DECEMBER 2005 – REVISED APRIL 2015
TS321 Low-Power Single Operational Amplifier
1 Features
3 Description
The TS321 is a bipolar operational amplifier for cost-
1
•
Wide Power-Supply Range
sensitive applications in which space savings are
–
Single Supply from 3 V to 30 V
important.
–
Dual Supply from ±1.5 V to ±15 V
Device Information(1)
•
Large Output Voltage Swing from
PART NUMBER
PACKAGE
BODY SIZE (NOM)
0 V to 3.5 V (Minimum) (VCC = 5 V)
SOIC (14)
4.90 mm × 3.90 mm
•
Low Supply Current at 500
μA (Typical)
TS321
SOT-23 (5)
2.90 mm × 1.60 mm
•
Low Input Bias Current at 20 nA (Typical)
(1) For all available packages, see the orderable addendum at
•
Stable With High Capacitive Loads
the end of the datasheet.
2 Applications
•
Desktop PCs
•
HVAC: Heating, Ventilating, and Air Conditioning
•
Portable Media Players
•
Refrigerators
•
Washing Machines: High-End and Low-End
4 Device Pinouts
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TS321IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS321IDBVR TI-TS321IDBVR Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVR TI-TS321IDBVR Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
TS321IDBVR-TP TECHPUBLIC-TS321IDBVR-TP Datasheet
2Mb / 6P
1MHz, Low Power Single Op Amp
logo
Texas Instruments
TS321IDBVRE4 TI-TS321IDBVRE4 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVRE4 TI-TS321IDBVRE4 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TS321IDBVR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
Low Power Single Operational Amplifier
logo
Texas Instruments
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com