Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9564 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA9564 Datasheet HTML 22Page - NXP Semiconductors PCA9564 Datasheet HTML 23Page - NXP Semiconductors PCA9564 Datasheet HTML 24Page - NXP Semiconductors PCA9564 Datasheet HTML 25Page - NXP Semiconductors PCA9564 Datasheet HTML 26Page - NXP Semiconductors PCA9564 Datasheet HTML 27Page - NXP Semiconductors PCA9564 Datasheet HTML 28Page - NXP Semiconductors PCA9564 Datasheet HTML 29Page - NXP Semiconductors PCA9564 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Philips Semiconductors
Product data
PCA9564
Parallel bus to I2C-bus controller
2003 Apr 02
26
RD, CE INPUT
VM
VM
Dn OUTPUT
LOW-TO-FLOAT
FLOAT-TO-LOW
VI
GND
VCC
tDD(ZL)
VOH
VOL
tDF(LZ)
SW02113
GND
VM
VM
VY
VX
Dn OUTPUT
HIGH-TO-FLOAT
FLOAT-TO-HIGH
OUTPUTS ENABLED
OUTPUTS ENABLED
OUTPUTS
FLOATING
tDF(HZ)
tDD(ZH)
VM = 1.5 V
VX = VOL + 0.3 V
VY = VOH - 0.3 V
VOL AND VOH ARE TYPICAL OUTPUT VOLTAGE DROPS THAT OCCUR WITH THE OUTPUT LOAD.
Figure 21. tDD and tDF times
TEST
S1
tDD(ZH)/tDF(HZ)
6 V
tDD(ZL)/tDF(LZ)
Open
PULSE
GENERATOR
VI
VO
CL
50pF
VCC
DEFINITIONS
RL = Load resistor.
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to the output
impedance ZO of the pulse generators.
6.0 V
RT
RL =
500
Ω
Open
D.U.T.
RL = 500 Ω
SW02114
Figure 22. Test circuitry for switching times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com